전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT25DF321A 데이터시트(PDF) 36 Page - Renesas Technology Corp

부품명 AT25DF321A
상세설명  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A 데이터시트(HTML) 36 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 32Page - Renesas Technology Corp AT25DF321A Datasheet HTML 33Page - Renesas Technology Corp AT25DF321A Datasheet HTML 34Page - Renesas Technology Corp AT25DF321A Datasheet HTML 35Page - Renesas Technology Corp AT25DF321A Datasheet HTML 36Page - Renesas Technology Corp AT25DF321A Datasheet HTML 37Page - Renesas Technology Corp AT25DF321A Datasheet HTML 38Page - Renesas Technology Corp AT25DF321A Datasheet HTML 39Page - Renesas Technology Corp AT25DF321A Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
36
3686I–DFLASH–02/2019
AT25DF321A
12.
Other Commands and Functions
12.1
Reset
In some applications, it may be necessary to prematurely terminate a program or erase cycle early rather than wait the
hundreds of microseconds or milliseconds necessary for the program or erase operation to complete normally. The Reset
command allows a program or erase operation in progress to be ended abruptly and returns the device to an idle state. Since the
need to reset the device is immediate, the Write Enable command does not need to be issued prior to the Reset command being
issued. Therefore, the Reset command operates independently of the state of the WEL bit in the Status Register.
The Reset command can only be executed if the command has been enabled by setting the Reset Enabled (RSTE) bit in the
Status Register to a logical “1”. If the Reset command has not been enabled (the RSTE bit is in the logical “0” state), then any
attempts at executing the Reset command will be ignored.
To perform a Reset, the CS pin must first be asserted and the opcode of F0h must be clocked into the device. No address bytes
need to be clocked in, but a confirmation byte of D0h must be clocked into the device immediately after the opcode. Any
additional data clocked into the device after the confirmation byte will be ignored. When the CS pin is deasserted, the program
or erase operation currently in progress will be terminated within a time of t
RST. Since the program or erase operation may not
complete before the device is reset, the contents of the page being programmed or the block being erased cannot be guaranteed
to be valid.
The Reset command has no effect on the states of the Sector Protection Registers, the Sector Lockdown Registers, or the
SPRL, RSTE, and SLE bits in the Status Register. The WEL, PS, and ES bits, however, will be reset back to their default
states. If a Reset operation is performed while a sector is erase suspended, the suspend operation will abort, and the contents of
the block being erased in the suspended sector will be left in an undefined state. If a Reset is performed while a sector is
program suspended, the suspend operation will abort, and the contents of the page that was being programmed and
subsequently suspended will be undefined. The remaining pages in the 64-Kbyte sector will retain their previous contents.
The complete opcode and confirmation byte must be clocked into the device before the CS pin is deasserted, and the CS pin
must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no Reset operation will be performed.
Figure 12-1.Reset
SCK
CS
SI
SO
MSB
2
3
1
0
1
1
1
1
0
0
0
6
7
5
4
OPCODE
CONFIRMATION BYTE IN
10 11
9
8
14 15
13
12
0
MSB
1
1
0
1
0
0
0
0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com