전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT25DF321A 데이터시트(PDF) 44 Page - Renesas Technology Corp

부품명 AT25DF321A
상세설명  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A 데이터시트(HTML) 44 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 40Page - Renesas Technology Corp AT25DF321A Datasheet HTML 41Page - Renesas Technology Corp AT25DF321A Datasheet HTML 42Page - Renesas Technology Corp AT25DF321A Datasheet HTML 43Page - Renesas Technology Corp AT25DF321A Datasheet HTML 44Page - Renesas Technology Corp AT25DF321A Datasheet HTML 45Page - Renesas Technology Corp AT25DF321A Datasheet HTML 46Page - Renesas Technology Corp AT25DF321A Datasheet HTML 47Page - Renesas Technology Corp AT25DF321A Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
44
3686I–DFLASH–02/2019
AT25DF321A
Notes:
1. Not 100% tested (value guaranteed by design and characterization)
2. 15pF load at frequencies above 70MHz, 30pF otherwise
3. Only applicable as a constraint for the Write Status Register Byte 1 command when SPRL = 1
Note:
1. Maximum values indicate worst-case performance after 100,000 erase/program cycles
2. Not 100% tested (value guaranteed by design and characterization)
14.8
Input Test Waveforms and Measurement Levels
t
EDPD
(1)
Chip Select High to Deep Power-Down
1
µs
tRDPD
(1)
Chip Select High to Standby Mode
30
µs
t
RST
Reset Time
30
µs
14.6
Program and Erase Characteristics
Symbol
Parameter
Min
Typ
Max
Units
tPP
(1)
Page Program Time (256-Bytes)
1.0
3.0
ms
t
BP
Byte Program Time
7
µs
tBLKE
(1)
Block Erase Time
4-Kbytes
50
200
ms
32-Kbytes
250
600
64-Kbytes
400
950
t
CHPE
(1)(2)
Chip Erase Time
25
40
sec
tSUSP
Suspend Time
Program
10
20
µs
Erase
25
40
t
RES
Resume Time
Program
10
20
µs
Erase
12
20
t
OTPP
(1)
OTP Security Register Program Time
200
500
µs
t
WRSR
(2)
Write Status Register Time
200
ns
14.7
Power-up Conditions
Symbol
Parameter
Min
Max
Units
tVCSL
Minimum VCC to Chip Select Low Time
70
µs
t
PUW
Power-up Device Delay Before Program or Erase Allowed
10
ms
V
POR
Power-on Reset Voltage
1.5
2.5
V
14.5
AC Characteristics – All Other Parameters (Continued)
Symbol
Parameter
Min
Max
Units
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.1V
CC
V
CC/2
0.9V
CC
tR, tF < 2 ns (10% to 90%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com