전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT25DF321A 데이터시트(PDF) 41 Page - Renesas Technology Corp

부품명 AT25DF321A
상세설명  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A 데이터시트(HTML) 41 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 37Page - Renesas Technology Corp AT25DF321A Datasheet HTML 38Page - Renesas Technology Corp AT25DF321A Datasheet HTML 39Page - Renesas Technology Corp AT25DF321A Datasheet HTML 40Page - Renesas Technology Corp AT25DF321A Datasheet HTML 41Page - Renesas Technology Corp AT25DF321A Datasheet HTML 42Page - Renesas Technology Corp AT25DF321A Datasheet HTML 43Page - Renesas Technology Corp AT25DF321A Datasheet HTML 44Page - Renesas Technology Corp AT25DF321A Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
41
3686I–DFLASH–02/2019
AT25DF321A
13.
RapidS Implementation
To implement RapidS and operate at clock frequencies higher than what can be achieved in a viable SPI implementation, a full
clock cycle can be used to transmit data back and forth across the serial bus. The AT25DF321A is designed to always clock its
data out on the falling edge of the SCK signal and clock data in on the rising edge of SCK.
For full clock cycle operation to be achieved, when the AT25DF321A is clocking data out on the falling edge of SCK, the host
controller should wait until the next falling edge of SCK to latch the data in. Similarly, the host controller should clock its data
out on the rising edge of SCK in order to give the AT25DF321A a full clock cycle to latch the incoming data in on the next
rising edge of SCK.
Implementing RapidS allows a system to run at higher clock frequencies since a full clock cycle is used to accommodate a
device’s clock-to-output time, input setup time, and associated rise/fall times. For example, if the system clock frequency is
100MHz (10ns cycle time) with a 50% duty cycle, and the host controller has an input setup time of 2ns, then a standard SPI
implementation would require that the slave device be capable of outputting its data in less than 3ns to meet the 2ns host
controller setup time [(10ns x 50%) – 2ns] not accounting for rise/fall times. In an SPI mode 0 or 3 implementation, the SPI
master is designed to clock in data on the next immediate rising edge of SCK after the SPI slave has clocked its data out on the
preceding falling edge. This essentially makes SPI a half-clock cycle protocol and requires extremely fast clock-to-output
times and input setup times in order to run at high clock frequencies. With a RapidS implementation of this example, however,
the full 10ns cycle time is available which gives the slave device up to 8ns, not accounting for rise/fall times, to clock its data
out. Likewise, with RapidS, the host controller has more time available to output its data to the slave since the slave device
would be clocking that data in a full clock cycle later.
Figure 13-1.RapidS Operation
SCK
MOSI
MISO
tV
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
MOSI = Master Out, Slave In
MISO = Master In, Slave Out
The
Master is the ASIC/MCU and the Slave is the memory device.
The
Master always clocks data out on the rising edge of SCK and always clocks data in on the falling edge of SCK.
The
Slave always clocks data out on the falling edge of SCK and always clocks data in on the rising edge of SCK.
A.
Master clocks out first bit of BYTE A on the rising edge of SCK.
B.
Slave clocks in first bit of BYTE A on the next rising edge of SCK.
C.
Master clocks out second bit of BYTE A on the same rising edge of SCK.
D.
Last bit of BYTE A is clocked out from the Master.
E.
Last bit of BYTE A is clocked into the slave.
F.
Slave clocks out first bit of BYTE B.
G.
Master clocks in first bit of BYTE B.
H.
Slave clocks out second bit of BYTE B.
I.
Master clocks in last bit of BYTE B.
A
B
C
D
E
F
G
1
H
BYTE A
MSB
LSB
BYTE B
MSB
LSB
Slave
CS
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com