전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CLT03-2Q3 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 CLT03-2Q3
상세설명  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-2Q3 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button CLT03-2Q3 Datasheet HTML 11Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 12Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 13Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 14Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 15Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 16Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 17Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 18Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
9.1
SOT23-8L 2.9 x 2.8 mm package information
Figure 14. SOT23-8L 2.9 x 2.8 mm package outline
Table 9. SOT23-8L 2.9 x 2.8 mm package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.27
1.45
0.035
0.050
0.057
A1
0.00
0.762
0.15
0.000
0.003
0.006
A2
0.90
1.20
1.30
0.035
0.047
0.051
b
0.22
0.30
0.38
0.009
0.012
0.0115
C
0.09
0.152
0.20
0.004
0.006
0.008
D
2.80
2.90
3.00
0.110
0.114
0.118
E
2.60
2.80
3.00
0.102
0.110
0.118
E1
1.50
1.65
1.75
0.059
0.065
0.069
e
0.65 REF
0.026 REF
e1
1.95 REF
0.077 REF
L
0.35
0.45
0.55
0.014
0.018
0.022
a
1. Values in inches are converted from mm and rounded to 4 decimal digits.
CLT03-2Q3, CLT03-1SC3
Package information
DS12302 - Rev 13
page 15/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com