전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CLT03-2Q3 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 CLT03-2Q3
상세설명  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-2Q3 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button CLT03-2Q3 Datasheet HTML 16Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 17Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 18Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 19Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 20Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 21Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 22Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 23Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Revision history
Table 14. Document revision history
Date
Revision
Changes
18-Dec-2017
1
Initial release.
11-Dec-2018
2
Minor text change to improve readability.
23-Dec-2019
3
Updated Section Features, Table 4. Electrical characteristics (-30 °C < Tj <
+125 °C, unless otherwise specified) (values), Section 8 Simplified application
schematic and Figure 6. Test Pulse parameters description.
Added Table 2. Thermal resistance parameter and Section 5 Deglitch filter.
06-Feb-2020
4
Updated Table 4. Electrical characteristics (-30 °C < Tj < +125 °C, unless
otherwise specified) (values) and Figure 4. Output U-I operation..
04-Mar-2020
5
Updated Section Features, Section 2.2 Absolute ratings and Section 2.3
Electrical characteristics.
02-Dec-2020
6
Inserted SOT23-8L package information. Minor text change to improve
readability.
18-Dec-2020
7
Updated Features and Figure 24.
12-Jan-2021
8
Updated Section 6 Test pulse feature description and SOT23-8L name.
06-Apr-2021
9
Updated Figure 7 and Figure 13.
19-Jul-2021
10
Updated Table 5 and Figure 4.
06-Oct-2021
11
Updated Figure 4 and added Table 6.
11-Oct-2021
12
Updated Product status link on cover page.
25-Nov-2022
13
Updated Table 4. Thermal resistance parameter.
CLT03-2Q3, CLT03-1SC3
DS12302 - Rev 13
page 23/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com