전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISO808ATR-1 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 ISO808ATR-1
상세설명  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808ATR-1 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button ISO808ATR-1 Datasheet HTML 24Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 25Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 26Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 27Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 28Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 29Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 30Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 31Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
13
Daisy chaining
The ISO808A can be daisy-chained by connecting the MOSI port of the microcontroller to the SDI pin of the first
IC of the chain; the SDO pin of the first IC of the chain to the SDI pin of the second (and similarly for the next ICs
of chain); the SDO pin of the last IC of the chain to the MISO port of the microcontroller.
The tcycle(SS) (see Figure 7) must take into account the internal communication timing (frefresh and tWD): it is
recommended tcycle(SS) (max.) < 136 μs. The maximum number of ICs that can be daisy chained depends on the
SPI clock frequency set by the microcontroller.
Figure 28. Example of daisy-chaining connection
ISO808A, ISO808A-1
Daisy chaining
DS14170 - Rev 1
page 28/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38