전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DA9141 데이터시트(PDF) 36 Page - Renesas Technology Corp

부품명 DA9141
상세설명  High-Performance, 25 A/40 A Peak, DC-DC Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9141 데이터시트(HTML) 36 Page - Renesas Technology Corp

Back Button DA9141 Datasheet HTML 32Page - Renesas Technology Corp DA9141 Datasheet HTML 33Page - Renesas Technology Corp DA9141 Datasheet HTML 34Page - Renesas Technology Corp DA9141 Datasheet HTML 35Page - Renesas Technology Corp DA9141 Datasheet HTML 36Page - Renesas Technology Corp DA9141 Datasheet HTML 37Page - Renesas Technology Corp DA9141 Datasheet HTML 38Page - Renesas Technology Corp DA9141 Datasheet HTML 39Page - Renesas Technology Corp DA9141 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
DA9141
High-Performance, 25 A/40 A Peak, DC-DC
Converter
Datasheet
Revision 2.0
28-Jan-2022
CFR0011-120-00
36 of 50
© 2022 Renesas Electronics
Bit
Type
Field Name
Description
Value
Description
0x0
100 us debounce
0x1
1 ms debounce
0x2
10 ms debounce
0x3
100 ms debounce
[3]
RW
GPIO2_PUPD
GPIO pull-up/pull-down enable. Initial value is determined by
CONF pin setting during start-up and if the CONF pin is
enabled (OTP setting)
Value
Description
0x0
GPI: pull-down disabled, GPO: pull-up to AVDD
disabled
0x1
GPI: pull-down enabled, GPO: pull-up to AVDD
enabled
[2]
RW
GPIO2_POL
GPIO polarity. Initial value is determined by CONF pin setting
during start-up and if the CONF pin is enabled (OTP setting)
Value
Description
0x0
GPIO is active-high
0x1
GPIO is active-low
[1:0]
RW
GPIO2_TRIG
GPI trigger type. Initial value is determined by CONF pin
setting during start-up and if the CONF pin is enabled (OTP
setting)
Value
Description
0x0
Dual-edge triggered
0x1
Positive-edge triggered
0x2
Negative-edge triggered
0x3
Reserved (No trigger)
Table 38: SYS_GPIO3_0 (0x0016)
Bit
Type
Field Name
Description
[4:1]
R
GPIO3_MODE
GPIO function mode select
Value
Description
0x0
GPIO disable
0x1
EN1 input
0x2
Reserved
0x3
EN1 input
0x4
DVC1 input
0x5
Reserved
0x6
DVC1 input
0x7
RELOAD input
0x8
PG1 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com