전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DA9141 데이터시트(PDF) 11 Page - Renesas Technology Corp

부품명 DA9141
상세설명  High-Performance, 25 A/40 A Peak, DC-DC Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9141 데이터시트(HTML) 11 Page - Renesas Technology Corp

Back Button DA9141 Datasheet HTML 7Page - Renesas Technology Corp DA9141 Datasheet HTML 8Page - Renesas Technology Corp DA9141 Datasheet HTML 9Page - Renesas Technology Corp DA9141 Datasheet HTML 10Page - Renesas Technology Corp DA9141 Datasheet HTML 11Page - Renesas Technology Corp DA9141 Datasheet HTML 12Page - Renesas Technology Corp DA9141 Datasheet HTML 13Page - Renesas Technology Corp DA9141 Datasheet HTML 14Page - Renesas Technology Corp DA9141 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
DA9141
High-Performance, 25 A/40 A Peak, DC-DC
Converter
Datasheet
Revision 2.0
28-Jan-2022
CFR0011-120-00
11 of 50
© 2022 Renesas Electronics
4.4.1
Power Derating Curves
Figure 3: Power Derating Curve
Table 7: Typical Temperatures
TA = 85 °C
TA = 105 °C
TA = 125 °C
TJ_WARN
PD = 2.74 W
PD = 1.52 W
PD = 0.30 W
TJ_CRIT_WC
PD = 3.66 W
PD = 2.44 W
PD = 1.22 W
4.5
Buck1 Characteristics
Unless otherwise noted, the following is valid for TJ = -40 °C to +150 °C, VSYS = 2.8 V to 5.5 V.
Note: Values are preliminary, pending final silicon characterization results.
Table 8: Quad-Phase Buck Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Electrical Conditions
VIN
Input voltage
VIN = VSYS = VAVDD
2.8
5.5
V
COUT
Total output capacitance,
including voltage and
temperature coefficient
Typ 10 x 22
μF
-40 % to +20 %
132
220
264
μF
ESRCOUT
Output capacitor series
resistance, per capacitor
f > 100 kHz
3
mΩ
L
Inductor value, per
phase, including current
and temperature
dependence
88
110
132
nH
DCRL
Inductor DC resistance
2
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com