전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DA9141 데이터시트(PDF) 13 Page - Renesas Technology Corp

부품명 DA9141
상세설명  High-Performance, 25 A/40 A Peak, DC-DC Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9141 데이터시트(HTML) 13 Page - Renesas Technology Corp

Back Button DA9141 Datasheet HTML 9Page - Renesas Technology Corp DA9141 Datasheet HTML 10Page - Renesas Technology Corp DA9141 Datasheet HTML 11Page - Renesas Technology Corp DA9141 Datasheet HTML 12Page - Renesas Technology Corp DA9141 Datasheet HTML 13Page - Renesas Technology Corp DA9141 Datasheet HTML 14Page - Renesas Technology Corp DA9141 Datasheet HTML 15Page - Renesas Technology Corp DA9141 Datasheet HTML 16Page - Renesas Technology Corp DA9141 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
DA9141
High-Performance, 25 A/40 A Peak, DC-DC
Converter
Datasheet
Revision 2.0
28-Jan-2022
CFR0011-120-00
13 of 50
© 2022 Renesas Electronics
Parameter
Description
Conditions
Min
Typ
Max
Unit
RON_PMOS
On resistance of
switching PMOS, per
phase
VIN = 3.3 V
12
mΩ
RON_NMOS
On resistance of
switching NMOS, per
phase
VIN = 3.3 V
6
mΩ
PWM Mode
ηPWM
Efficiency, PWM
VIN = 3.3 V
VOUT = 1.1 V
IOUT = 5 % (IOUT_MAX_PK) to 80
% (IOUT_MAX_PK)
80
%
AUTO Mode
VOUT_TR_LD_RISE
Load transient response,
phase shedding enabled
VOUT = 1.1 V
IOUT = 25 % to 75 % of
IOUT_MAX_PK
Load rise time = 1 μs
-5
%
VOUT_TR_LD_FALL
Load transient response,
phase shedding enabled
VOUT = 1.1 V
IOUT = 75 % to 25 % of
IOUT_MAX_PK
Load fall time = 1 μs
5
%
PFM Mode
IQ_PFM_1PH
Quiescent current in PFM
VIN = 3.3 V
No load
No switching
120
μA
ηPFM
Efficiency, PFM
VIN = 3.3 V
VOUT = 1.1 V
IOUT = 100 mA
80
%
Note 1
For applications requiring VOUT < 0.75 V contact Renesas applications support for configuration setting
Note 2
tON > 40 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com