전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S12MSCANV2/D 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 S12MSCANV2/D
상세설명  The SoC Guide provides information about the MC9S12KG128 device made up of standard HCS12 blocks and the HCS12 processor core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12MSCANV2/D 데이터시트(HTML) 2 Page - NXP Semiconductors

  S12MSCANV2/D Datasheet HTML 1Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 2Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 3Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 4Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 5Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 6Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 7Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 8Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
DOCUMENT NUMBER
MC9S12KG128
Revision History
Version
Number
Revision
Date
Author
Description of Changes
01.00
16.JUL.02
Roberto Frontera
Original Version
01,01
22 NOV 02
Daniel Yu
Change load cap value on VDD and VDDPLL.
Correct expanded bus timing from 20MHz to 25 MHz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com