전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S12MSCANV2/D 데이터시트(PDF) 29 Page - NXP Semiconductors

부품명 S12MSCANV2/D
상세설명  The SoC Guide provides information about the MC9S12KG128 device made up of standard HCS12 blocks and the HCS12 processor core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12MSCANV2/D 데이터시트(HTML) 29 Page - NXP Semiconductors

Back Button S12MSCANV2/D Datasheet HTML 25Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 26Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 27Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 28Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 29Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 30Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 31Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 32Page - NXP Semiconductors S12MSCANV2/D Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
MC9S12KG128 SoC Guide — V01.01
Table 2-2 Power and Ground
NOTE:
All VSS pins must be connected together in the application. Because fast signal
transitions place high, short-duration current demands on the power supply, use
bypass capacitors with high-frequency characteristics and place them as close to
the MCU as possible. Bypass requirements depend on MCU pin load.
2.3 Detailed Signal Descriptions
2.3.1 EXTAL, XTAL — Oscillator Pins
EXTAL and XTAL are the crystal driver and external clock pins. On reset all the device clocks are derived
from the EXTAL input frequency. XTAL is the crystal output.
2.3.2 RESET — External Reset Pin
An active low bidirectional control signal, it acts as an input to initialize the MCU to a known start-up state,
and an output when an internal MCU function causes a reset.
2.3.3 TEST — Test Pin
This input only pin is reserved for test.
NOTE:
The TEST pin must be tied to VSS in all applications.
Mnemonic
Nominal
Voltage
Description
VDD1
VDD2
2.5 V
Internal power and ground generated by internal regulator. These also
allow an external source to supply the core VDD/VSS voltages and
bypass the internal voltage regulator.
VSS1
VSS2
0V
VDDR
3.3/5.0 V
External power and ground, supply to pin drivers and internal voltage
regulator.
VSSR
0 V
VDDX
3.3/5.0 V
External power and ground, supply to pin drivers.
VSSX
0 V
VDDA
3.3/5.0 V
Operating voltage and ground for the analog-to-digital converter and
the reference for the internal voltage regulator, allows the supply
voltage to the A/D to be bypassed independently.
VSSA
0 V
VRH
3.3/5.0 V
Reference voltage high for the ATD converter.
VRL
0 V
Reference voltage low for the ATD converter.
VDDPLL
2.5 V
Provides operating voltage and ground for the Phased-Locked Loop.
This allows the supply voltage to the PLL to be bypassed
independently. Internal power and ground generated by internal
regulator.
VSSPLL
0 V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com