전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NA-RTSM 데이터시트(PDF) 8 Page - Omron Electronics LLC

부품명 NA-RTSM
상세설명  Machine Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM 데이터시트(HTML) 8 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 4Page - Omron Electronics LLC NA-RTSM Datasheet HTML 5Page - Omron Electronics LLC NA-RTSM Datasheet HTML 6Page - Omron Electronics LLC NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Simple, but Flexible!
Step 1: Machine Parts, the Visual
Using standard controls, or graphics from the machine parts collection, design your own IAG.
Add interface properties and methods to bring the object to life when reused.
Step 2: Extensible with Visual Basic
As well as many graphic IAGs, it is also possible to
embed code within an IAG. The code can extend
the possibilities of the gadget such as providing
special device communication. Thanks to
Visual Basic the standard functionality of the NA
can be extended as required.
myTemperature
mySpeed
RunMotor(Boolean bStatus)
‘IAG Code behind - Add local subroutines for the IAG.
Public Function RunMotor(bStatus As Boolean) As Double
‘start motor at default speed
mySpeed = 50
‘return current speed
RunMotor = 50
End Function
Public Function IncreaseSpeed(nIncrement As Integer) As Double
‘ Increase speed by increment if < 1000
If mySpeed + nIncrement
< 1000 Then
mySpeed = mySpeed + nIncrement
Else
‘Otherwise set to top speed
mySpeed = 1000
End If
‘Return new speed
IncreaseSpeed = mySpeed
End Function
1
2
The NA Series gives the user the ability to design using IAGs (Intelligent Application Gadgets). IAGs simplify and
accelerate the development process through structuring the project and enhancing reuse. From simple graphics
to complex objects, you can make your own collections and share them between projects, like a Function Block.
8
Bringing technology to life - NA Series, Machine Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36