| 전자부품 데이터시트 검색엔진 |
|
87421 데이터시트(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
87421 데이터시트(HTML) 9 Page - Renesas Technology Corp |
|
9 / 16 page ![]() 87421 Data Sheet ©2016 Integrated Device Technology, Inc June 24, 2016 9 LVDS DRIVER TERMINATION A general LVDS interface is shown in Figure 4. In a 100 Ω differential transmission line environment, LVDS drivers require a matched load termination of 100 Ω across near the receiver input. For a FIGURE 4. TYPICAL LVDS DRIVER TERMINATION multiple LVDS outputs buffer, if only partial outputs are used, it is recommended to terminate the unused outputs. |