전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7789V2 데이터시트(PDF) 29 Page - Sitronix Technology Co., Ltd.

부품명 ST7789V2
상세설명  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 데이터시트(HTML) 29 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 319 page
background image
ST7789V2
Version 1.0
Page 29 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
PAD
No.
PIN Name
X
Y
1117
G317
-5145
250.58
1118
G315
-5159
119.58
1119
G313
-5173
250.58
1120
G311
-5187
119.58
1121
G309
-5201
250.58
1122
G307
-5215
119.58
1123
G305
-5229
250.58
1124
G303
-5243
119.58
1125
G301
-5257
250.58
1126
G299
-5271
119.58
1127
G297
-5285
250.58
1128
G295
-5299
119.58
1129
G293
-5313
250.58
1130
G291
-5327
119.58
1131
G289
-5341
250.58
1132
G287
-5355
119.58
1133
G285
-5369
250.58
1134
G283
-5383
119.58
1135
G281
-5397
250.58
1136
G279
-5411
119.58
1137
G277
-5425
250.58
1138
G275
-5439
119.58
1139
G273
-5453
250.58
1140
G271
-5467
119.58
1141
G269
-5481
250.58
1142
G267
-5495
119.58
1143
G265
-5509
250.58
1144
G263
-5523
119.58
1145
G261
-5537
250.58
1146
G259
-5551
119.58
1147
G257
-5565
250.58
1148
G255
-5579
119.58
1149
G253
-5593
250.58
1150
G251
-5607
119.58
PAD
No.
PIN Name
X
Y
1151
G249
-5621
250.58
1152
G247
-5635
119.58
1153
G245
-5649
250.58
1154
G243
-5663
119.58
1155
G241
-5677
250.58
1156
G239
-5691
119.58
1157
G237
-5705
250.58
1158
G235
-5719
119.58
1159
G233
-5733
250.58
1160
G231
-5747
119.58
1161
G229
-5761
250.58
1162
G227
-5775
119.58
1163
G225
-5789
250.58
1164
G223
-5803
119.58
1165
G221
-5817
250.58
1166
G219
-5831
119.58
1167
G217
-5845
250.58
1168
G215
-5859
119.58
1169
G213
-5873
250.58
1170
G211
-5887
119.58
1171
G209
-5901
250.58
1172
G207
-5915
119.58
1173
G205
-5929
250.58
1174
G203
-5943
119.58
1175
G201
-5957
250.58
1176
G199
-5971
119.58
1177
G197
-5985
250.58
1178
G195
-5999
119.58
1179
G193
-6013
250.58
1180
G191
-6027
119.58
1181
G189
-6041
250.58
1182
G187
-6055
119.58
1183
G185
-6069
250.58
1184
G183
-6083
119.58
PAD
No.
PIN Name
X
Y
1185
G181
-6097
250.58
1186
G179
-6111
119.58
1187
G177
-6125
250.58
1188
G175
-6139
119.58
1189
G173
-6153
250.58
1190
G171
-6167
119.58
1191
G169
-6181
250.58
1192
G167
-6195
119.58
1193
G165
-6209
250.58
1194
G163
-6223
119.58
1195
G161
-6237
250.58
1196
G159
-6251
119.58
1197
G157
-6265
250.58
1198
G155
-6279
119.58
1199
G153
-6293
250.58
1200
G151
-6307
119.58
1201
G149
-6321
250.58
1202
G147
-6335
119.58
1203
G145
-6349
250.58
1204
G143
-6363
119.58
1205
G141
-6377
250.58
1206
G139
-6391
119.58
1207
G137
-6405
250.58
1208
G135
-6419
119.58
1209
G133
-6433
250.58
1210
G131
-6447
119.58
1211
G129
-6461
250.58
1212
G127
-6475
119.58
1213
G125
-6489
250.58
1214
G123
-6503
119.58
1215
G121
-6517
250.58
1216
G119
-6531
119.58
1217
G117
-6545
250.58
1218
G115
-6559
119.58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More