| 전자부품 데이터시트 검색엔진 |
|
ST7789V2 데이터시트(PDF) 37 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7789V2 데이터시트(HTML) 37 Page - Sitronix Technology Co., Ltd. |
|
37 / 319 page ![]() ST7789V2 Version 1.0 Page 37 of 319 2016/11 Sitronix Confidential The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Sitronix. 7 DRIVER ELECTRICAL CHARACTERISTICS 7.1 Absolute Operation Range Item Symbol Rating Unit Supply Voltage VDD - 0.3 ~ +4.6 V Supply Voltage (Logic) VDDI - 0.3 ~ +4.6 V Driver Supply Voltage VGH-VGL -0.3 ~ +30.0 V Logic Input Voltage Range VIN -0.3 ~ VDDI + 0.5 V Logic Output Voltage Range VO -0.3 ~ VDDI + 0.5 V Operating Temperature Range TOPR -30 ~ +85 ℃ Storage Temperature Range TSTG -40 ~ +125 ℃ Table 1 Absolute Operation Range Note: If one of the above items is exceeded its maximum limitation momentarily, the quality of the product may be degraded. Absolute maximum limitation, therefore, specify the values exceeding which the product may be physically damaged. Be sure to use the product within the recommend range. |