전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S32K310 데이터시트(PDF) 33 Page - NXP Semiconductors

부품명 S32K310
상세설명  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 데이터시트(HTML) 33 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 29Page - NXP Semiconductors S32K310 Datasheet HTML 30Page - NXP Semiconductors S32K310 Datasheet HTML 31Page - NXP Semiconductors S32K310 Datasheet HTML 32Page - NXP Semiconductors S32K310 Datasheet HTML 33Page - NXP Semiconductors S32K310 Datasheet HTML 34Page - NXP Semiconductors S32K310 Datasheet HTML 35Page - NXP Semiconductors S32K310 Datasheet HTML 36Page - NXP Semiconductors S32K310 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 146 page
background image
Table 10. Supply Monitoring (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
LVR_VDD_HV_A
LVR on VDD_HV_A,
assert threshold (in
RPM)
2.77
2.85
2.93
V
—
—
—
VDD_HV_A LVR
monitor hysteresis
—
18.75
—
mV
—
—
HVD_VDD_HV_A
HVD on VDD_HV_A,
assert threshold (in
FPM)
5.787
5.887
5.987
V
—
—
—
VDD_HV_A HVD
monitor hysteresis
—
37.5
—
mV
—
—
LVR_VDD_HV_B
LVR on VDD_HV_B,
assert threshold (in
FPM)
2.77
2.85
2.93
V
—
—
LVR_VDD_HV_B
LVR on VDD_HV_B,
assert threshold (in
RPM)
2.77
2.85
2.93
V
—
—
—
VDD_HV_B LVR
monitor hysteresis
—
18.75
—
mV
—
—
HVD_VDD_HV_B
HVD on VDD_HV_B,
assert threshold (in
FPM)
5.787
5.887
5.987
V
—
—
—
VDD_HV_B HVD
monitor hysteresis
—
37.5
—
mV
—
—
LVD_VDD_HV_A
Low Voltage
Detect (LVD5A) on
VDD_HV_A, assert
threshold (in FPM)
4.33
4.41
4.49
V
—
—
—
VDD_HV_A
LVD monitor
hysteresis
—
37.5
—
mV
—
—
VPOR_VDD_HV_A Power-On-Reset
(VPOR) on
VDD_HV_A,
deassert threshold
0.9
1.5
2.2
V
—
—
VREF12
Bandgap reference,
trimmed
1.18
1.2
1.22
V
—
—
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 7, 04/2023
Data Sheet: Technical Data
Preliminary Information
33 / 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More