| 전자부품 데이터시트 검색엔진 |
|
S32K310 데이터시트(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K310 데이터시트(HTML) 46 Page - NXP Semiconductors |
|
46 / 146 page ![]() V11 V11 V11 V11 V11 V11 V11 V11 V11 V11 V11 NMOS_CTRL V15 PMOS_CTRL VDD_DCDC V25 VDD_HV_B VDD_HV_B VDD_HV_B VDD_HV_A VDD_HV_A VDD_HV_A VDD_HV_A VDD_HV_A VDD_HV_A VDD_HV_A VDD_HV_A VDD_HV_A VREFH VREFL VSS_DCDC VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS J6 J5 B2 B16 D4 D9 E13 G7 G11 J1 J4 J9 J14 L7 L11 M5 N7 N10 P4 P14 T2 T7 T10 T16 CDEC CDEC CBULK VDD_HV_B CDEC VREFH CDEC CDEC CDEC CBULK VDD_HV_A CDEC CDEC CDEC E9 H9 H10 J8 J10 J13 K8 K9 K10 N6 N8 F1 H8 K5 L5 J7 N4 R7 R10 D14 E5 G10 H7 H13 K11 L8 N5 N9 H6 CDEC CDEC VDD_HV_SMPS L_SMPS D_SMPS Q_SMPS COUT_V15_SMPS SMPS option CDEC CDEC CDEC CDEC V11 CDEC CDEC CDEC COUT_V25 V11 V25 CDEC V15 LAST MILE REGULATOR EXTERNAL NFET COUT_V11 V11 32K388 289MBGA Figure 27. 289BGA package decoupling capacitor pinout diagram, SMPS (S32K388) 6.8 V15 regulator (SMPS option) electrical specifications Some devices (S32K358, S32K348, S32K338, and S32K328) support a SMPS, DC-DC buck converter stage, with a dedicated pin to control an external Power P-channel MOSFET. In addition to the PMOS, an external inductor and a Schottky diode are required. See related figures in section "Recommended decoupling capacitors". The chip hardware design guidelines document lists the recommended part numbers for PMOS, Schottky diode and inductor. NXP Semiconductors Power management S32K3xx Data Sheet, Rev. 7, 04/2023 Data Sheet: Technical Data Preliminary Information 46 / 146 |