| 전자부품 데이터시트 검색엔진 |
|
S32K310 데이터시트(PDF) 57 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K310 데이터시트(HTML) 57 Page - NXP Semiconductors |
|
57 / 146 page ![]() 7. “typ” is indicative of the average current numbers at the nominal internally regulated V11 supply voltage, VDD_HV_A = 5.0V, VDD_HV_B = 5.0V, V15 = 1.5V, for the typical silicon process. 8. “max” is indicative of the maximum current numbers at the maximum internally regulated V11 supply voltage (1.16 V), VDD_HV_A = 5.5V, VDD_HV_B = 5.5V, V15 = 1.65V, for the fast silicon process. 9. For the maximum allowable RUN current in an application, the junction temperature must be kept below the maximum specification, TJ < 150°C, to avoid self-heating. 10. If the total power dissipation would cause the junction temperature to be exceeded when VDD_HV_A is at 5V, then VDD_HV_A should be limited to operate at 3.3V. |