전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXP42X 데이터시트(PDF) 91 Page - Intel Corporation

부품명 IXP42X
상세설명  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X 데이터시트(HTML) 91 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 87Page - Intel Corporation IXP42X Datasheet HTML 88Page - Intel Corporation IXP42X Datasheet HTML 89Page - Intel Corporation IXP42X Datasheet HTML 90Page - Intel Corporation IXP42X Datasheet HTML 91Page - Intel Corporation IXP42X Datasheet HTML 92Page - Intel Corporation IXP42X Datasheet HTML 93Page - Intel Corporation IXP42X Datasheet HTML 94Page - Intel Corporation IXP42X Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
91
5.4.14
Reset DC Parameters
5.5
AC Specifications
5.5.1
Clock Signal Timings
5.5.1.1
Processor Clock Timings
Crystal oscillators require that good system-level design practices be followed for reliable start-up
and oscillation. Please refer to the Intel® IXP42X Product Line of Network Processors and
IXC1100 Control Plane Processor Product Line: Crystal Design Considerations Application Note
(Document Number 305588), and contact Intel for the recommended Intel® IXP42X Product Line
of Network Processors and IXC1100 Control Plane Processor part number optimized for use with
crystal oscillators.
Table 38.
PWRON_RESET_N DC Parameters
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
1.0
1.3
V
The input voltage
must not exceed
1.3V or long-term
reliability may be
adversely affected.
VIL
Input-low voltage
0.3
V
IIL
Input leakage current
0 < VIN <
1.3V
-500
10
µA
CIN
Input Capacitance
1
pF
Simulated results.
Table 39.
Device Clock Timings (Oscillator Reference) (Sheet 1 of 2)
Symbol
Parameter
Min.
Nom.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
VIL
Input-low voltage
0.8
V
TFREQUENCY
Clock frequency for IXP42X product line
and IXC1100 control plane processors
crystal or oscillator.
33.33
MHz
1, 4
FREQUENCY
Clock tolerance over -40º C to 85º C.
-50
50
ppm
CIN
Pin capacitance of IXP42X product line and
IXC1100 control plane processors’ inputs.
5pF
CSHUNT
CSHUNT is a crystal parameter sometimes
referred to as the holder capacitance.
23
4
pF
Notes:
1.
This value could be an oscillator input or a series resonant frequency from a crystal. If used as an
oscillator input, tie to the crystal input pin and leave the crystal output pin disconnected.
2.
Use the component values recommended by the crystal manufacturer.
3.
This parameter applies when driving the clock input with an oscillator.
4.
Where the IXP42X product line or IXC1100 control plane processor is configured with an input
reference-clock, the slew rate should never be faster than 2.5 V/nS to ensure proper PLL operation.
To help ensure proper PLL operation at the slower slew rate, the VIH and VIL voltage levels need to
be within the specified range at an input clock frequency of 33.33 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com