전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXP42X 데이터시트(PDF) 34 Page - Intel Corporation

부품명 IXP42X
상세설명  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X 데이터시트(HTML) 34 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 30Page - Intel Corporation IXP42X Datasheet HTML 31Page - Intel Corporation IXP42X Datasheet HTML 32Page - Intel Corporation IXP42X Datasheet HTML 33Page - Intel Corporation IXP42X Datasheet HTML 34Page - Intel Corporation IXP42X Datasheet HTML 35Page - Intel Corporation IXP42X Datasheet HTML 36Page - Intel Corporation IXP42X Datasheet HTML 37Page - Intel Corporation IXP42X Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
34
Document Number: 252479, Revision: 005
• Table 8 — High-Speed, Serial Interface 0 signals
• Table 9 — High-Speed, Serial Interface 1 signals
• Table 10 — MII Interfaces signals
• Table 11 — UTOPIA-2 Interface signals
• Table 12 — Expansion Bus Interface signals
• Table 13 — UART Interfaces signals
• Table 14 — USB Interface signals
• Table 15 — Oscillator Interface signals
• Table 16 — GPIO Interface signals
• Table 17 — JTAG Interface signals
• Table 18 — System Interface†† signals
• Table 19 — Power Interface signals
Table 6.
SDRAM Interface (Sheet 1 of 2)
Name
Power
on
Reset1
Reset2
Type†
Description
SDM_ADDR[12:0]
Z
0
O
SDRAM Address: A0-A12 signals are output during the
READ/WRITE commands and ACTIVE commands to select a
location in memory to act upon.
SDM_DATA[31:0]
Z
1
I/O
SDRAM Data: Bidirectional data bus used to transfer data to
and from the SDRAM
SDM_CLKOUT
Z
0
O
SDRAM Clock: All SDRAM input signals are sampled on the
rising edge of SDM_CLKOUT. All output signals are driven
with respect to the rising edge of SDM_CLKOUT.
SDM_BA[1:0]
Z
0
O
SDRAM Bank Address: SDM_BA0 and SDM_BA1 define the
bank the current command is attempting to access.
SDM_RAS_N
Z
1
O
SDRAM Row Address strobe/select (active low): Along with
SDM_CAS_N, SDM_WE_N, and SDM_CS_N signals
determines the current command to be executed.
SDM_CAS_N
Z
1
O
SDRAM Column Address strobe/select (active low): Along
with SDM_RAS_N, SDM_WE_N, and SDM_CS_N signals
determines the current command to be executed.
SDM_CS_N[1:0]
Z
1
O
SDRAM Chip select (active low): CS# enables the command
decoder in the external SDRAM when logic low and disables
the command decoder in the external SDRAM when logic
high.
SDM_WE_N
Z
1
O
SDRAM Write enable (active low): Along with SDM_CAS_N,
SDM_RAS_N, and SDM_CS_N signals determines the
current command to be executed.
1.
While PWRON_RESET_N is deasserted use Power On Reset column for the pin state.
2.
After deassertion of PWRON_RESET_N, and deassertion of RESET_IN_N, and assertion of
PLL_LOCK, all signals reflect the value shown in the RESET column.
†
For a legend of the Type codes, see Table 5 on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com