전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXP42X 데이터시트(PDF) 23 Page - Intel Corporation

부품명 IXP42X
상세설명  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X 데이터시트(HTML) 23 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 19Page - Intel Corporation IXP42X Datasheet HTML 20Page - Intel Corporation IXP42X Datasheet HTML 21Page - Intel Corporation IXP42X Datasheet HTML 22Page - Intel Corporation IXP42X Datasheet HTML 23Page - Intel Corporation IXP42X Datasheet HTML 24Page - Intel Corporation IXP42X Datasheet HTML 25Page - Intel Corporation IXP42X Datasheet HTML 26Page - Intel Corporation IXP42X Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
23
2.1.4
UTOPIA 2
The integrated, UTOPIA-2 interface works with a network processing engine, for several of the
IXP42X product line and IXC1100 control plane processors. (See Table 4 on page 20.)
The UTOPIA-2 interface supports a single- or a multiple-physical-interface configuration with
cell-level or octet-level handshaking. The network processing engine handles segmentation and
reassembly of ATM cells, CRC checking/generation, and transfer of data to/from memory. This
allows parallel processing of data traffic on the UTOPIA-2 interface, off-loading processor
overhead required by the Intel XScale® Core.
The IXP42X product line and IXC1100 control plane processors are compliant with the ATM
Forum, UTOPIA Level-2 Specification, Revision 1.0.
2.1.5
USB Interface
The integrated USB 1.1 interface is a device-only controller. The interface supports full-speed
operation and 16 endpoints and includes an integrated transceiver.
There are:
• Six isochronous endpoints (three input and three output)
• One control endpoints
• Three interrupt endpoints
• Six bulk endpoints (three input and three output)
2.1.6
PCI Controller
The IXP42X product line and IXC1100 control plane processors’ PCI controller is compatible with
the PCI Local Bus Specification, Rev. 2.2. The PCI interface is 32-bit compatible bus and capable
of operating as either a host or an option (i.e., not the Host) For more information on PCI
Controller support and configuration see the Intel® IXP42X Product Line of Network Processors
and IXC1100 Control Plane Processor Developer’s Manual.
2.1.7
SDRAM Controller
The memory controller manages the interface to external SDRAM memory chips. The interface:
• Operates at 133.32 MHz (which is 4 * OSC_IN input pin.)
• Supports eight open pages simultaneously
• Has two banks to support memory configurations from 8 Mbyte to 256 Mbyte
The memory controller only supports 32-bit memory. If a x16 memory chip is used, a minimum of
two memory chips would be required to facilitate the 32-bit interface required by the IXP42X
product line and IXC1100 control plane processors. A maximum of four SDRAM memory chips
may be attached to the processors. For more information on SDRAM support and configuration see
the Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Developer’s Manual.
The memory controller internally interfaces to the North AHB and South AHB with independent
interfaces. This architecture allows SDRAM transfers to be interleaved and pipelined to achieve
maximum possible efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com