전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC161 데이터시트(PDF) 8 Page - Nexperia B.V. All rights reserved

부품명 74HC161
상세설명  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC161 데이터시트(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC161 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Nexperia
74HC161
Presettable synchronous 4-bit binary counter; asynchronous reset
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Fig. 14.
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
CP to Qn; see Fig. 9
[1]
VCC = 2.0 V
-
61
190
-
240
-
285
ns
VCC = 4.5 V
-
22
38
-
48
-
57
ns
VCC = 5.0 V; CL = 15 pF
-
19
-
-
-
-
-
ns
VCC = 6.0 V
-
18
32
-
41
-
48
ns
CP to TC; see Fig. 9
VCC = 2.0 V
-
69
215
-
270
-
325
ns
VCC = 4.5 V
-
25
43
-
54
-
65
ns
VCC = 5.0 V; CL = 15 pF
-
21
-
-
-
-
-
ns
VCC = 6.0 V
-
20
37
-
46
-
55
ns
CET to TC; see Fig. 10
VCC = 2.0 V
-
33
150
-
190
-
225
ns
VCC = 4.5 V
-
12
30
-
38
-
45
ns
VCC = 5.0 V; CL = 15 pF
-
10
-
-
-
-
-
ns
tpd
propagation
delay
VCC = 6.0 V
-
10
26
-
38
-
31
ns
MR to Qn; see Fig. 11
VCC = 2.0 V
-
63
210
-
265
-
315
ns
VCC = 4.5 V
-
23
42
-
53
-
63
ns
VCC = 5.0 V; CL = 15 pF
-
20
-
-
-
-
-
ns
VCC = 6.0 V
-
18
36
-
45
-
54
ns
MR to TC; see Fig. 11
VCC = 2.0 V
-
63
220
-
275
-
330
ns
VCC = 4.5 V
-
23
44
-
55
-
66
ns
VCC = 5.0 V; CL = 15 pF
-
20
-
-
-
-
-
ns
tPHL
HIGH to LOW
propagation
delay
VCC = 6.0 V
-
18
37
-
47
-
56
ns
see Fig. 9 and Fig. 10
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tt
transition time
VCC = 6.0 V
-
6
13
-
16
-
19
ns
CP; HIGH or LOW; see Fig. 9
VCC = 2.0 V
80
22
-
100
-
120
-
ns
VCC = 4.5 V
16
8
-
20
-
24
-
ns
VCC = 6.0 V
14
6
-
17
-
20
-
ns
MR; LOW; see Fig. 11
VCC = 2.0 V
80
19
-
100
-
120
-
ns
VCC = 4.5 V
16
7
-
20
-
24
-
ns
tW
pulse width
VCC = 6.0 V
14
6
-
17
-
20
-
ns
74HC161
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 16 March 2021
8 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com