전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

500 데이터시트(PDF) 1 Page - Morse Mfg. Co., Inc.

부품명 500
상세설명  Vertical-Lift Drum Pourers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORSE [Morse Mfg. Co., Inc.]
홈페이지  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

500 데이터시트(HTML) 1 Page - Morse Mfg. Co., Inc.

  500 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 500 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 500 Datasheet HTML 3Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Specialist In Drum Handling Equipment
Vertical-Lift Drum Pourers
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet 500
(Updated 11 Aug, 2023)
1
MADE
IN
USA
service@morsedrum.com
103 Kuhn Rd.
Syracuse, NY, 13208 USA
morsedrum.com
(315) 437-8475
Two Types of Scales
The digital indicator keeps you informed of the drum weight, so you can weigh while pouring.
Scales are simple to use and to read enabling accurate batching by weight. The touch pads
include numbers for tare entry. Four load cells accurately sense weight regardless of the tilt
angle of the drum. Battery saving “sleep” mode turns indicator off when scale is not in use.
Display weight to 0.1 Lb. (or set to diplay metric units). Accuracy of +/-0.2
%. Scale has NO data storage capability.
Maximum operating temperature is 104o F (40o C).
Scale components will be installed and calibrated before leaving the
Morse factory. However, the rigors of transportation may change scale
calibration. To assure proper accuracy, the user should employ local
scale service personnel to check the function and calibration of the scale.
Cost of on-site calibration is not included in the selling price.
T-Type Scale - Intrinsically safe, ultra low power intensity (ULPI)
scale indicator for use in many hazardous areas, approved for all
classes, groups and divisions of N.E.C. hazardous environment
classifications. The hand pumped or air powered drum handler with this
intrinsically safe weighing system may be used in many hazard areas
where ordinary electric powered equipment would be prohibited. Comes
with battery pack and 115V 60Hz charger. For 220V/50Hz applications,
battery charger will require a step down transformer - order part number
93740-P. Models with spark resistant monel parts, such as drum holder
bands are indicated by an “M” in the model number.
N-Type Scale - Economical general purpose instrument for use
in a variety of weighing applications. NOT for use in hazardous areas.
Powered by five ordinary alkaline D-cell batteries.
> > Watch Video < <
Lift and Control Dispensing of Your Drum
* Half-full rating is based on tilt mechanism’s capacity for handling a bottom
heavy drum. A partially full drum with unbalanced and shifting load is harder
to tilt than a full drum.
“T” Type Intrinsically safe
scale indicator for use in
hazardous areas.
“N” Type scale indicator
NOT for hazardous
environments.
Scale-Equipped Models - Weigh As You Pour!
Model 515-T-114 shown is equipped with
an intrinsically safe scale and air powered
lift and tilt.
Drum Handling System
Model 520-115 shown
has DC powered lift and
tilt to pour a drum up to
106” (2.7 m) high.
•
Lift, move and control dispensing of your drum
up to 106” (269 cm) high
•
You control the lifting height and pouring angle
•
Power Lift and Tilt Options
•
Available built-in weighing capability to weigh
as you pour!
•
360o Tilt Control in either direction
•
Models available with spark resistant parts
•
Capacity:
800 Lb. (363 kg) full drum
500 Lb. (227 kg) half-full* drum
Lift, tilt and drain drum contents with ease. Hydraulic
lift and tilt makes it simple to raise and tilt a heavy
drum. Vertical lifting track keeps drum reach constant
through the full lift range. Heavy duty hydraulic lift
cylinders include a velocity fuse to provide a full line
shut-off in the event of a line failure.
Dispense into a vat, hopper, mixer or other container
up to 106” (269 cm) high.
Manual lift and tilt also available.
With Scale-Equipped Series, know the weight of what
you have poured!
•
Automatically adjusts for 22” to 23.5”
(56 to 59.7 cm) diameter drum
•
Accepts Diameter Adaptors for your smaller drum
•
Bolt-On Bracket Assembly to handle a plastic drum,
recommended to more securely handle a fiber drum
•
Bolt-on Top Rim Clamp for 55-gallon
(210 liter) plastic drum or fiber drum
•
Includes a flexible cover on the cinch chain to help
protect the sidewall of your drum
•
Incorporates alloy cinch chain and durable stress
relief weld joints


유사한 부품 번호 - 500

제조업체부품명데이터시트상세설명
logo
Switchcraft, Inc.
500 SWITCH-500 Datasheet
30Kb / 1P
JACK COVERS
logo
Make-Ps
500 MAKE-PS-500 Datasheet
193Kb / 4P
Single & Dual Output DC/DC Converter
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
SLIDE SWITCHES
logo
Honeywell Solid State E...
500 HONEYWELL-500 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
3M Electronics
500 3M-500 Datasheet
30Kb / 2P
Repulpable Barricade Tapes 500 Series
Feb-2009
More results

유사한 설명 - 500

제조업체부품명데이터시트상세설명
logo
Productwell Precision E...
DR0406-1R0M PRODUCTWELL-DR0406-1R0M Datasheet
102Kb / 5P
DRUM INDUCTORS
logo
Cynergy3 Co
LLF69B198 CYNERGY3-LLF69B198 Datasheet
5Mb / 1P
Vertical Fast Lift Floatswitches
logo
List of Unclassifed Man...
A806LP ETC2-A806LP Datasheet
597Kb / 2P
Lift-Off-Cover, Type 12
logo
Cynergy3 Co
LLF CYNERGY3-LLF Datasheet
402Kb / 1P
Vertical Fast Lift Float switches
logo
Central Technologies
CTRL5480F-4 CT-CTRL5480F-4 Datasheet
339Kb / 1P
Drum Cores - Radial
logo
RENCO ELECTRONICS, INC.
RB-1 RENCO-RB-1 Datasheet
1Mb / 1P
DRUM CORES
logo
Morse Mfg. Co., Inc.
400 MORSE-400 Datasheet
861Kb / 3P
Hydra-Lift Karriers
Aug, 2023
400SS MORSE-400SS Datasheet
737Kb / 3P
Stainless Steel Hydra-Lift Karriers
11 Aug, 2023
410 MORSE-410 Datasheet
1Mb / 3P
Heavy-Duty Hydra-Lift Karriers
23 Dec, 2021
900 MORSE-900 Datasheet
1Mb / 7P
Model # 900 & 905 Drum Pourers
9 Jun, 2023
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com