전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

500 데이터시트(PDF) 3 Page - Morse Mfg. Co., Inc.

부품명 500
상세설명  Vertical-Lift Drum Pourers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORSE [Morse Mfg. Co., Inc.]
홈페이지  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

500 데이터시트(HTML) 3 Page - Morse Mfg. Co., Inc.

  500 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 500 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 500 Datasheet HTML 3Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The Specialist In Drum Handling Equipment
Vertical-Lift Drum Pourers
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet 500
(Updated 11 Aug, 2023)
3
MADE
IN
USA
AC Motor *
Power
Hydraulic
Lift & Tilt
Air Motor †
Power
Hydraulic
Lift & Tilt
12V DC **
Power
Hydraulic
Lift & Tilt
AC Motor *
Power
Hydraulic Lift,
Manual Tilt ***
Air Motor †
Power Hydraulic
Lift,
Manual Tilt ***
12V DC **
Power
Hydraulic Lift,
Manual Tilt ***
Manual
Hydraulic Lift,
Manual Tilt ***
Scale Equipped
Single-Stage
with 60”
(1.5 m) Lift
515-N-110
515-T-114
515-N-114
515M-T-114
515-N-115
515-N-120
515-T-124
515-N-124
515M-T-124
515-N-125
515-T
515M-T
515-N
Two-Stage
with 106”
(2.7 m) Lift
525-N-110
525-T-114
525-N-114
525M-T-114
525-N-115
525-N-120
525-T-124
525-N-124
525M-T-124
525-N-125
525-T
525M-T
525-N
Non Scale
Equipped
Single-Stage
with 60”
(1.5 m) Lift
510-110
510-114
510M-114
510-115
510-120
510-124
510M-124
510-125
510
510M
Two-Stage
with 106”
(2.7 m) Lift
520-110
520-114
520M-114
520-115
520-120
520-124
520M-124
520-125
520
520M
510 and 515 Series Single-Stage Drum Pourers
• Dispense at up to 60” (152 cm) high
• Retract to a minimum of height of 78” (198 cm)
• Turning Radius: 61” (155 cm)
• Lowest position of bottom edge of 8” (20.3 cm) wide drum holder
• 510 Series: 9.5” (24.13 cm) above floor
• 515 Series: 12.5” (31.75 cm) above floor
130” (330 cm)
78” (198 cm)
FLOOR
LOCK
6” (15.2 cm)
CASTER
8” (20.3 cm)
WHEEL
43.75”
(111 cm)
38.5”
(97.8 cm)
6”
(15.2 cm)
57.5”
(146 cm)
40.25” O.D.
(102.2 cm)
32.625” I.D.
(82.9 cm)
106”
(269 cm)
Side View
Front View
78” (198 cm)
60”
(152 cm)
43.75”
(111 cm)
12”
(30.5 cm)
50.5”
(128 cm)
6” (15.2 cm)
CASTER
FLOOR
LOCK
8” (20.3 cm)
WHEEL
38.5”
(97.8 cm)
35.75” O.D.
(90.8 cm)
28” I.D.
(71.1 cm)
Side View
Front View
“T” in Model # = Intrinsically safe scale indicator
“N” in Model # = NOT for hazardous areas
“M” in Model # = Model with spark resistant parts such as drum holder bands
made of monel
* Standard motors are TEFC, 1HP for 115V AC, 60 Hz
** 12V DC power option includes battery and 110V AC charger
*** Manual tilt control for 510 and 515 Series is hand crank. Manual tilt
control for 520 and 525 Series is chainwheel and pull-chain.
†
Air motor requirements: 40 to 60 PSI at 40 SCFM.
Model Numbers
520 and 525 Series Two-Stage Drum Pourers
• Dispense at up to 106” (269 cm) high
• Retract to a minimum height of 78” (198 cm)
• Turning Radius: 68.25” (174 cm)
• Lowest position of bottom edge of 8” (20.3 cm) wide drum holder
• 520 Series: 9.5” (24.13 cm) above floor
• 525 Series: 12.5” (31.75 cm) above floor
• Highest point of frame at a given dispensing height:
• D = Dispensing height with drum horizontal
• Highest Point = 78” (198 cm) + (D x 0.5)



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com