전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

500 데이터시트(PDF) 2 Page - Morse Mfg. Co., Inc.

부품명 500
상세설명  Vertical-Lift Drum Pourers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORSE [Morse Mfg. Co., Inc.]
홈페이지  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

500 데이터시트(HTML) 2 Page - Morse Mfg. Co., Inc.

  500 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 500 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 500 Datasheet HTML 3Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Specialist In Drum Handling Equipment
Vertical-Lift Drum Pourers
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet 500
(Updated 11 Aug, 2023)
2
MADE
IN
USA
DIAMETER ADAPTORS
DIAMETER
ADAPTORS
SPARK
RESISTANT
FITS DIAMETER
55/30-20.5 55/30M-20.5 20” to 20.5” (50.8 to 52.1 cm)
55/30-19
55/30M-19
18.5” to 19” (47 to 48.3 cm)
55/30-17.5 55/30M-17.5 17” to 17.5” (43.2 to 44.5 cm)
55/30-16
55/30M-16
15.5” to 16” 39.4 to 40.6 cm)
55/30-14.5 55/30M-14.5 14” to 14.5” (35.6 to 36.8 cm)
The MORCINCHTM drum holder on Hydra-Lift Karriers is designed
to handle a 55-gallon (210 liter) steel or fiber drum. It automatically
adjusts from 22” to 23.5” (56 to 59.7 cm) in diameter. The cinch chain
with pawl and ratchet mechanism is used to secure the drum in the
holder. To handle other drums, order one of the following:
Install
Top Rim Clamp Kit 4560B-P to safely handle a
RIMMED 30-gallon to 55-gallon (114 to 210 liter) size
plastic drum. Grips upper drum rim to prevent slipping
length-ways.
Kit # 4560B-P Rim Clamp Assembly
Kit # 4560BM-P Spark Resistant Rim Clamp Assembly
The
Bracket Assembly provides a brace at top
and bottom of your drum to prevent it from slipping
lengthways through the drum holder. The Bracket
Assembly is required to handle a rimless plastic drum,
and recommended to more securely handle a fiber
drum. It adjusts for 31” to 39” (79 to 99 cm) tall drum.
Part # 4556-P Bracket Assembly
Part # 4556M-P Spark Resistant Bracket Assembly
For a smaller diameter drum, Diameter Adaptors
install easily without tools and are quickly removed.
Diameter Adaptors for 17.5” (44.5 cm) diameter or
smaller have brackets at top and bottom of the drum.
They adjust for a drum up to 38” (96.5 cm) tall. Spark
resistant and stainless steel Diameter Adaptors are
also available.
Model
55/30-17.5
MORCINCHTM Options
To order complete units with any of the power options below, use the power option number as
a suffix on manual model number. Example: Model 520-115 has battery powered lift and tilt
up to 106” (269 cm) high. Power-Tilt Options must be ordered on new units from the factory.
All units with power options factory installed are shipped fully assembled.
3-Piece Drum Holder
Option # G-400
The optional 3-Piece Drum Holder is for
handling only a 22.5” (57.2 cm) diameter
55-gallon (210 liter) steel drum. It surrounds
your drum with a hinged metal band.
Power Lift and Tilt Models
Power Lift and Tilt Models
make drum handling easier
and faster. There are two hand
valve controls: One for the
power-lift function and a second
for power-tilt.
Power
Suffix
Motor Type
Motor Control
Ship Weight
Adder
-110
AC, 1HP/115V, TEFC Switch, Cord, Plug
75 Lb. (34 kg)
-114
Air, Vane Type
On/Off Valve
95 Lb. (43 kg)
-115
DC, 12V
Built-in
120 Lb. (54.4 kg)
Electric Power Lift & Tilt
Hold momentary switch and lift
valve to raise drum. Use second
valve to control the hydraulically
driven drum tilt. Lower the drum
with manual release valve.
Air Power Lift and Tilt
Hold on/off valve and lift valve to
raise the drum. Use a second
valve to control the hydraulically
driven drum tilt. Lower the drum
with manual release valve. Air
motor requirements: 40 to 60
PSI at 40 SCFM.
Battery Power Lift and Tilt
Hold momentary switch and lift
valve to raise drum. Use 2nd
valve to control drum tilt. Lower
drum with manual release valve.
Charger is included.
Bracket
Assembly
NOTE: 12V Deep Cycle Lead Acid Battery is designed for domestic shipment only. For export shipment,
choose the following battery option:
Option “NB” No Battery. Customer must obtain battery before use... Exide # 27MDP 12V Deep
Cycle Battery or equivalent.
Kit 4560B-P
We recommend the
MORStop Tilt-BrakeTM
on models with manual tilt.
It automatically holds the drum tilt
angle and prevents uncontrolled
turning, even when drum contents shift.
Option # 3900i-P
MORStop Tilt-BrakeTM
factory installed.
Web Strap with Ratchet
Option # 5115i-P
MORCINCHTM Drum Holder with Web
Strap and Ratchet option installed
(not for use on spark resistant models).
Power Lift Models with Manual Tilt
Power-Lift Models ease drum
lifting, but retain manual tilt
control. Hand crank tilt control
is on 60” (152 cm) lift height
units. Models with 106" (269
cm) lift heights have pull chain
and chain wheel tilt control.
Power
Suffix
Motor Type
Motor Control
Ship Weight
Adder
-120
AC, 1HP/115V, TEFC Switch, Cord, Plug
40 Lb. (18.1 kg)
-124
Air, Vane Type
On/Off Valve
25 Lb. (11.4 kg)
-125
DC, 12V
Built-in
85 Lb. (38.6 kg)
Electric Power Lift
Use switch to raise the drum.
Lower the drum with manual
release valve.
Air Motor Power Lift
Use on/off valve to raise the
drum. Lower the drum with
manual release valve. Air motor
Requirements: 40 to 60 PSI at
40 SCFM.
Battery Power Lift
Self contained battery power-
lift. Operate battery power
controls to raise and lower drum
Separate charger is included.
Existing manual lift models can be converted to power lift. Order Power-Lift Kit for “Field installation,”
such as O-120FILC-500, O-124FILC-500, or O-125FILC-500.



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com