전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD78P083 데이터시트(PDF) 50 Page - Renesas Technology Corp

부품명 UPD78P083
상세설명  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P083 데이터시트(HTML) 50 Page - Renesas Technology Corp

Back Button UPD78P083 Datasheet HTML 46Page - Renesas Technology Corp UPD78P083 Datasheet HTML 47Page - Renesas Technology Corp UPD78P083 Datasheet HTML 48Page - Renesas Technology Corp UPD78P083 Datasheet HTML 49Page - Renesas Technology Corp UPD78P083 Datasheet HTML 50Page - Renesas Technology Corp UPD78P083 Datasheet HTML 51Page - Renesas Technology Corp UPD78P083 Datasheet HTML 52Page - Renesas Technology Corp UPD78P083 Datasheet HTML 53Page - Renesas Technology Corp UPD78P083 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
48
µPD78P083
X
42
22
121
A
Z
D
F
0°~15°
K
42PIN CERAMIC SHRINK DIP (WINDOW) (600 mil)
M
N
C
B
M
P42DW-70-600A
ITEM
MILLIMETERS
INCHES
A
B
C
D
F
G
H
I
J
K
L
38.25 MAX.
1.778 (T.P.)
0.46±0.05
0.85 MIN.
3.5±0.3
1.02 MIN.
3.026
1.345 MAX.
1.506 MAX.
0.033 MIN.
0.138±0.012
0.119
0.208 MAX.
0.053 MAX.
NOTES
M
N
X
12.0
0.25
0.25±0.05
14.99
15.24 (T.P.)
5.282 MAX.
0.018±0.002
0.01
0.472
0.010
+0.002
–0.003
0.590
1) Each lead centerline is located within 0.25
mm (0.01 inch) of its true position (T.P.) at
maximum material condition.
0.600 (T.P.)
0.040 MIN.
Y
Z
4-R3.0
6.0
0.236
4-R0.118
0.07 (T.P.)
2)
Item "K" to center of leads when formed
parallel.
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com