전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C32-FMB3TP/B 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 M24C32-FMB3TP/B
상세설명  128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-FMB3TP/B 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button M24C32-FMB3TP/B Datasheet HTML 15Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 16Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 17Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 18Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 19Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 20Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 21Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 22Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
M24128, M24C64, M24C32
Device operation
19/34
4.10
Read operations
Read operations are performed independently of the state of the Write Control (WC) signal.
After the successful completion of a Read operation, the device’s internal address counter is
incremented by one, to point to the next byte address.
4.11
Random Address Read
A dummy Write is first performed to load the address into this address counter (as shown in
Figure 10) but without sending a Stop condition. Then, the bus master sends another Start
condition, and repeats the Device Select Code, with the Read/Write bit (RW) set to 1. The
device acknowledges this, and outputs the contents of the addressed byte. The bus master
must not acknowledge the byte, and terminates the transfer with a Stop condition.
4.12
Current Address Read
For the Current Address Read operation, following a Start condition, the bus master only
sends a Device Select Code with the Read/Write bit (RW) set to 1. The device
acknowledges this, and outputs the byte addressed by the internal address counter. The
counter is then incremented. The bus master terminates the transfer with a Stop condition,
as shown in Figure 10, without acknowledging the Byte.
4.13
Sequential Read
This operation can be used after a Current Address Read or a Random Address Read. The
bus master does acknowledge the data byte output, and sends additional clock pulses so
that the device continues to output the next byte in sequence. To terminate the stream of
bytes, the bus master must not acknowledge the last byte, and must generate a Stop
condition, as shown in Figure 10.
The output data comes from consecutive addresses, with the internal address counter
automatically incremented after each byte output. After the last memory address, the
address counter ‘rolls-over’, and the device continues to output data from memory address
00h.
4.14
Acknowledge in Read mode
For all Read commands, the device waits, after each byte read, for an acknowledgment
during the 9th bit time. If the bus master does not drive Serial Data (SDA) Low during this
time, the device terminates the data transfer and switches to its Stand-by mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com