전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C32-FMB3TP/B 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 M24C32-FMB3TP/B
상세설명  128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-FMB3TP/B 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button M24C32-FMB3TP/B Datasheet HTML 18Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 19Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 20Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 21Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 22Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 23Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 24Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 25Page - STMicroelectronics M24C32-FMB3TP/B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
DC and AC parameters
M24128, M24C64, M24C32
22/34
Table 12.
Input parameters
Symbol
Parameter(1),(2)
1.
TA = 25°C, f = 400kHz
2.
Sampled only, not 100% tested.
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
ZWCL
WC Input Impedance
VIN < 0.3VCC
50
200
k
ZWCH
WC Input Impedance
VIN > 0.7VCC
500
k
tNS
Pulse width ignored
(Input Filter on SCL and SDA)
200
ns
Table 13.
DC characteristics (VCC = 2.5V to 5.5V, device grade 6)
Symbol
Parameter
Test Condition
(in addition to those in Table 8)
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA, E2, E1, E0)
VIN = VSS or VCC
device in Stand-by mode
± 2
µA
ILO
Output Leakage Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current (Read)
2.5V < VCC < 5.5V, fc=400kHz
(rise/fall time < 30ns)
2mA
ICC0
Supply Current (Write)
During tW, 2.5V < VCC < 5.5V
5(1)
1.
Characterized value, not tested in production.
mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC,
VCC = 5.5V
5µA
Stand-by Supply Current
VIN = VSS or VCC,
VCC = 2.5V
2µA
VIL
Input Low Voltage (SDA,
SCL, WC)
–0.45
0.3VCC
V
VIH
Input High Voltage (SDA,
SCL, WC)
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 2.1mA, VCC = 2.5V or
IOL = 3mA, VCC = 5.5V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com