전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6730C 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 L6730C
상세설명  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730C 데이터시트(HTML) 1 Page - STMicroelectronics

  L6730C Datasheet HTML 1Page - STMicroelectronics L6730C Datasheet HTML 2Page - STMicroelectronics L6730C Datasheet HTML 3Page - STMicroelectronics L6730C Datasheet HTML 4Page - STMicroelectronics L6730C Datasheet HTML 5Page - STMicroelectronics L6730C Datasheet HTML 6Page - STMicroelectronics L6730C Datasheet HTML 7Page - STMicroelectronics L6730C Datasheet HTML 8Page - STMicroelectronics L6730C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Target Specification
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
June 2006
Rev 2
1/50
50
L6730C
L6730D
Adjustable step-down controller with synchronous rectification
Features
Input voltage range from 1.8V to 14V
Supply voltage range from 4.5V to 14V
Adjustable output voltage down to 0.6V with
±0.8% accuracy over line voltage and
temperature (0°C~125°C)
Fixed frequency voltage mode control
TON lower than 100ns
0% to 100% duty cycle
Selectable 0.6V or 1.2V internal voltage
reference
External input voltage reference
Soft-start and inhibit
High current embedded drivers
Predictive anti-crossconduction control
Selectable UVLO threshold (5V or 12V bus)
Programmable high-side and low-side RDS(on)
sense over-current-protection
Switching frequency programmable from
100KHz to 1MHz
Master/slave synchronization with 180° phase
shift
Pre-bias start up capability (L6730C)
Selectable source/sink or source only
capability after soft-start (L6730C)
Selectable constant current or hiccup mode
overcurrent protection after soft-start (L6730D)
Power good output with programmable delay
Over voltage protection with selectable
latched/not-latched mode
Thermal shut-down
Package: HTSSOP20, QFN4x4 24L
Applications
High performance / high density DC-DC
modules
Low voltage distributed DC-DC
niPOL converters
DDR memory supply
DDR memory bus termination supply
HTSSOP20
QFN 4x4 24L
www.st.com
Order Codes
Part number
Package
Packing
L6730CQ
QFN4x4 24L
Tube
L6730CQTR
QFN4x4 24L
Tape & Reel
L6730C
HTSSOP20
Tube
L6730CTR
HTSSOP20
Tape & Reel
L6730D
HTSSOP20
Tube
L6730DTR
HTSSOP20
Tape & Reel


유사한 부품 번호 - L6730C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
L6730B STMICROELECTRONICS-L6730B Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6730B STMICROELECTRONICS-L6730B Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
L6730BTR STMICROELECTRONICS-L6730BTR Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
More results

유사한 설명 - L6730C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
Adjustable step-down controller with synchronous rectification
26-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6731B STMICROELECTRONICS-L6731B Datasheet
351Kb / 24P
Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
26-Jun-2006
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
Adjustable step-down controller with synchronous rectification dedicated to DDR memory
04-Jun-2008
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com