| 전자부품 데이터시트 검색엔진 |
|
UPD17708 데이터시트(PDF) 300 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 데이터시트(HTML) 300 Page - Renesas Technology Corp |
|
300 / 358 page ![]() 298 µPD17704, 17705, 17707, 17708, 17709 20.2.7 If two or more releasing conditions are specified at same time If two or more halt releasing conditions are specified at same time, the halt status is released when one of the conditions is satisfied. The following program example shows how the releasing conditions are identified if two or more conditions are satisfied at the same time. Example HLTINT DAT 1000B HLTBTM DAT 0010B HLTP0D DAT 0001B P0D MEM 0.73H START: BR MAIN ;*** Interrupt vector address *** NOP ; SI01 NOP ; SI00 NOP ; TIMER3 NOP ; TIMER2 NOP ; TIMER1 NOP ; TIMER0 NOP ; INT4 NOP ; INT3 NOP ; INT2 NOP ; INT1 BR INT0 ; Branches to INT0 interrupt processing NOP ; CE DOWN EDGE INT0: ; INT0 pin interrupt vector address (000BH) Processing A ; INT0 pin interrupt processing EI RETI BTMOUP: ; Timer carry FF processing Processing B RET P0DP: ; P0D input processing Processing C RET MAIN: INITFLG NOT BTM0CK1, NOT BTM0CK0 ; Selects 100 ms as clock of basic timer 0 SET1 IP0 ; Enables INT0 pin interrupt EI LOOP: HALT HLTINT OR HLTBTM OR HLTP0C ; Selects interrupt, timer carry FF, and P0D input as halt releasing conditions SKF1 BTM0CY ; Detects BTM0CY flag CALL BTM0UP ; Timer carry FF processing if flag is set to 1 SKF P0D, 1111B ; Detects P0D input CALL P0DP ; Port input processing if P0D is high BR LOOP |