| 전자부품 데이터시트 검색엔진 |
|
UPD17708 데이터시트(PDF) 71 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 데이터시트(HTML) 71 Page - Renesas Technology Corp |
|
71 / 358 page ![]() 69 µPD17704, 17705, 17707, 17708, 17709 Figure 8-3. Configuration of Control Register (2/2) S I O 0 I M D 1 S I O 0 I M D 0 00 0 S I O 0 W S T T 0S B M D S I O 0 C K 1 S I O 0 C K 0 00 S I O 0 S F 8 S I O 0 S F 9 S B S T T S B B S Y S B A C K S I O 0 N W T S I O 0 W R Q 1 S I O 0 W R Q 0 S I O 0 C H S B S I O 0 M S S I O 0 T X S I O 1 T S S I O 1 H I Z S I O 1 C K 1 S I O 1 C K 0 I E G 4 I N T 4 S E L I E G 3 I N T 3 S E L 0I E G 2 I E G 1 I E G 0 00 B T M 0 C K 1 B T M 0 C K 0 T M 2 E N T M 2 R E S T M 2 C K 1 T M 2 C K 0 T M 1 E N T M 1 R E S T M 1 C K 1 T M 1 C K 0 T M 0 E N T M 0 R E S T M 0 C K 1 T M 0 C K 0 T M 0 O V F T M 0 G C E G T M 0 G O E G T M 0 M D I P S I O 1 I P S I O 0 I P T M 3 I P T M 2 I P T M 1 I P T M 0 I P 4 I P 3 I P 2 I P 1 I P 0 I P C E T M 3 S E L 0T M 3 E N T M 3 R E S 89 A B C D E F R R R/W R/W R R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W System register interrupt stack pointer Serial I/O0 wait status judgment Serial I/O0 clock selection Serial I/O0 interrupt mode selection Serial I/O0 status detection Serial I/O0 wait control Serial I/O0 mode selection Basic timer 0 clock selection Interrupt edge selection 1 Timer 3 control Timer 2 counter clock selection Timer 1 counter clock selection Timer 0 counter clock selection Timer 0 mode selection Interrupt enable 2 Interrupt enable 1 INT2 pin interrupt request INT0 pin interrupt request CE pin interrupt request 0 S Y S R S P 2 S Y S R S P 1 S Y S R S P 0 Serial I/O1 mode selection Interrupt edge selection 2 Interrupt enable 3 00 0 I N T 4 00 I R Q 4 I N T 3 00 I R Q 3 I N T 2 00 I R Q 2 I N T 1 00 I R Q 1 I N T 0 00 I R Q 0 C E 0C E C N T S T T I R Q C E 00 0 I R Q T M 1 R/W R/W R/W R/W R/W R/W R/W R I R Q T M 0 R / W Timer 1 interrupt request Timer 0 interrupt request INT4 pin interrupt request INT3 pin interrupt request INT1 pin interrupt request |