| 전자부품 데이터시트 검색엔진 |
|
UPD17708 데이터시트(PDF) 97 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 데이터시트(HTML) 97 Page - Renesas Technology Corp |
|
97 / 358 page ![]() 95 µPD17704, 17705, 17707, 17708, 17709 10.5 Using Data Buffer Stack A program example is shown below. Example To save the contents of the data buffer and address register by using INT0 interrupt routine (the contents of the data buffer and address register are not automatically saved when an interrupt occurs). START: BR INITIAL ; Reset address ; Interrupt vector address NOP ; SI01 NOP ; SI00 NOP ; TM3 NOP ; TM2 NOP ; TM1 NOP ; TM0 NOP ; INT4 NOP ; INT3 NOP ; INT2 NOP ; INT1 BR INTINT0 ; INT0 NOP ; Down edge of CE INTINT0: PUT DBFSTK, DBF ; Saves contents of DBF to first level of data buffer ; stack (DBFSTK) GET DBF, AR ; Transfers contents of address register (AR) to DBF PUT DBFSTK, DBF ; Saves contents of AR to second level of data buffer ; stack Processing B ; INT0 interrupt processing GET DBF, DBFSTK ; Restores second level of data buffer stack to data buffer, PUT AR, DBF ; and restores contents of data buffer to address register GET DBF, DBFSTK ; Restores first level of data buffer stack to data buffer EI RETI INITIAL: SET1 IP0 EI LOOP: Processing A BR LOOP END 10.6 Cautions on Using Data Buffer Stack The contents of the data buffer stack are not automatically saved when an interrupt is accepted, and therefore, must be saved by software. Even when a bank of the data memory other than BANK0 is specified, the contents of the data buffer (existing in BANK0) can be saved or restored by using the “PUT” and “GET” instructions. |