| 전자부품 데이터시트 검색엔진 |
|
UPD17708 데이터시트(PDF) 218 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 데이터시트(HTML) 218 Page - Renesas Technology Corp |
|
218 / 358 page ![]() 216 µPD17704, 17705, 17707, 17708, 17709 16. SERIAL INTERFACES 16.1 Outline of Serial Interfaces Figure 16-1 outlines the serial interfaces. Table 16-1 classifies the serial interfaces and shows their communication modes. As shown in Figure 16-1, two serial interfaces, 0 (SIO0) and 1 (SIO1), are available. Serial interfaces 0 and 1 can be used at the same time. Serial interface 0 can be used in two modes: 2-wire and 3-wire modes. In the 2-wire mode, two pins, SDA and SCL, are used. In the 3-wire mode, three pins, SCK0, SO0, and SI0, are used. In the 2-wire mode, two communication modes, I2C bus and serial I/O modes, can be selected. Serial interface 1 can be used only in 3-wire mode, and uses three pins, SCK1, SO1, and SI1. The communication mode is the serial I/O mode. Figure 16-1. Outline of Serial Interfaces Serial interface 0 4.5 MHz Presettable shift register 0 (SIO0SFR) Clock control block SDA/P0A3 SCL/P0A2 SCK0/P0A1 SO0/P0A0 SI0/P0B3 Interrupt control block IRQSIO0 flag Serial interface 1 4.5 MHz Presettable shift register 1 (SIO1SFR) Clock control block SCK1/P0B2 SO1/P0B1 SI1/P0B0 IRQSIO1 flag |