전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES9842PRO 데이터시트(PDF) 66 Page - ESS Technology,Inc

부품명 ES9842PRO
상세설명  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ESS [ESS Technology,Inc]
홈페이지  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO 데이터시트(HTML) 66 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 62Page - ESS Technology,Inc ES9842PRO Datasheet HTML 63Page - ESS Technology,Inc ES9842PRO Datasheet HTML 64Page - ESS Technology,Inc ES9842PRO Datasheet HTML 65Page - ESS Technology,Inc ES9842PRO Datasheet HTML 66Page - ESS Technology,Inc ES9842PRO Datasheet HTML 67Page - ESS Technology,Inc ES9842PRO Datasheet HTML 68Page - ESS Technology,Inc ES9842PRO Datasheet HTML 69Page - ESS Technology,Inc ES9842PRO Datasheet HTML 70Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 167 page
background image
CONFIDENTIAL ADVANCE INFORMATION
ES9842 PRO Product Datasheet
66
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
Register 2: ADC CLOCK CONFIG2
Bits
[7:6]
[5]
[4:0]
Default
2'b00
1'b0
5'd3
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5]
SELECT_ADC_HALF
• 1'b0: Divide by SELECT_ADC_NUM + 1 (default)
• 1'b1: Divide by half of SELECT_ADC_NUM + 1
Note: Can only produce half of an odd number divide
[4:0]
SELECT_ADC_NUM
Whole number divide value + 1 for CLK_ADC
(SYS_CLK/divide_value).
• 5'd0: Whole number divide value + 1 = 1
• 5'd1: Whole number divide value + 1 = 2
• 5'd31: Whole number divide value + 1 = 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More