전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES9842QPRO 데이터시트(PDF) 33 Page - ESS Technology,Inc

부품명 ES9842QPRO
상세설명  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ESS [ESS Technology,Inc]
홈페이지  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842QPRO 데이터시트(HTML) 33 Page - ESS Technology,Inc

Back Button ES9842QPRO Datasheet HTML 29Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 30Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 31Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 32Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 33Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 34Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 35Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 36Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 37Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
33
64FS Mode
When 64FS (MCLK/FS ratio) is required, it is necessary for the ES9826 to be running in 64FS Mode. 64FS Mode can be
manually entered by setting Register 0[3] ENABLE_64FS_MODE to 1’b1.
• Register 0[3] ENABLE_64FS_MODE
o
Use for 64FS ratios, including 705.6/768kHz sample rates
This mode enables the Minimum phase 64FS filter. See filter properties below.
Note: 64FS mode is not supported in Hardware mode (HW).
Minimum Phase 64FS Latency
The following table shows the simulated latency at 705.6kHz sampling rate. The latency was measured at the peak
amplitude of the impulse response prior to being down-sampled to 1FS. Latency delay will reduce (scale) with sampling
rate.
Digital Filter
Delay(us) @
fs= 705.6 kHz
Minimum Phase 64FS
9.2 us
Table 7 – Minimum Phase 64FS Delay
Minimum Phase 64FS Properties
Minimum Phase 64FS
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
-3 dB
0.55 x fs
Hz
Stop band
-100 dB
0.91 x fs
Hz
Group Delay
2.24/fs
4.03/fs
s
Flatness (ripple)
-
dB
Table 8 – Minimum Phase 64FS Properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com