전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES9842QPRO 데이터시트(PDF) 57 Page - ESS Technology,Inc

부품명 ES9842QPRO
상세설명  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ESS [ESS Technology,Inc]
홈페이지  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842QPRO 데이터시트(HTML) 57 Page - ESS Technology,Inc

Back Button ES9842QPRO Datasheet HTML 53Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 54Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 55Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 56Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 57Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 58Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 59Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 60Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 61Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
57
I2C Slave Interface (Device Address 0x40, 0x42, 0x44, 0x46)
This interface contains Read/Write and Read-only registers. A system clock must be enabled through the write-only
registers to read/write these registers.
Multi-byte registers must be written from LSB to MSB. Data is latched when MSB is written.
Multi-byte registers must be read from LSB to MSB. Data is latched when LSB is read.
MSB is always stored in the highest register address. Testing
Read/Write Register Addresses
Registers 0–179 (0x00 – 0xB3) are read/write registers.
Read-only Register Addresses
Registers 224 – 253 (0xE0 – 0xFD) are read only registers.
I2C Synchronous Slave Interface (Device Address 0x48, 0x4A, 0x4C, 0x4E)
This interface contains Write-only registers. These registers can be written even when there is no system clock present.
These registers must be written to to enable read and write access to the rest of the registers.
When the device is inactive, all peripherals are automatically disabled and all clocks are stopped. An interrupt or a reset
can wake the ES9842 PRO
Write-only Register Addresses
Registers 192 – 194 (0xC0 – 0xC2) are write only registers.
Multi-Byte Registers
Multi-byte registers must be written from LSB to MSB. Data is latched when MSB is written.
MSB is always stored in the highest register address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com