| 전자부품 데이터시트 검색엔진 |
|
ES9842QPRO 데이터시트(PDF) 45 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9842QPRO 데이터시트(HTML) 45 Page - ESS Technology,Inc |
|
45 / 167 page ![]() VERSION 0.5 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM ES9842 PRO Product Datasheet 45 RAW Pin Connections RAW connections are configured by Registers 5,16,17. GPIOs need to be configured as well through Registers 74-77. RAW data mode requires 8 GPIOs. Pin Name Function Description GPIO1 RAW Data Clock Output Clock output in RAW mode GPIO2 RAW Data [0] Output Raw data bit 0 GPIO3 RAW Data [1] Output Raw data bit 1 GPIO4 RAW Data [2] Output Raw data bit 2 GPIO5 RAW Data [3] Output Raw data bit 3 GPIO6 RAW Data [4] Output Raw data bit 4 GPIO7 RAW Data [5] Output Raw data bit 5 GPIO8 RAW Data [6] Output Raw data bit 6 Table 18 - RAW Pin Connections Digital Audio Input Port PCM Pin Connections See I2S decoder and Programmable Delay. Registers 59-62 for configuration, GPIOs need to be configured as well through Registers 74 & 76. Pin Name Function Description GPIO1 I2S BCLK I2S clock for I2S decoder GPIO2 I2S WS I2S WS for I2S decoder GPIO5 I2S DATA I2S DATA for I2S decoder Table 19 - PCM Pin Connections |