| 전자부품 데이터시트 검색엔진 |
|
SIM800 데이터시트(PDF) 39 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 데이터시트(HTML) 39 Page - SIMCom |
|
39 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 39 2015-08-03 <n> 0 Automatic answering is disable. 1-255 Number of rings the modem will wait for before answering the phone if a ring is detected. Parameter Saving Mode AT&W_SAVE Max Response Time - Reference V.25ter Note If <n> is set too high, the calling party may hang up before the call can be answered automatically. If using cmux port, ATH and AT+CHUP can hang up the call (automatically answering) only in the CMUX channel 0. If using dual-physical serial port, ATH and AT+CHUP can hang up the call (automatically answering) only in UART1. 2.2.17 ATS3 Set Command Line Termination Character ATS3 Set Command Line Termination Character Response <n> OK Read Command ATS3? Parameters See Write Command Response This parameter setting determines the character recognized by TA to terminate an incoming Command line. The TA also returns this character in output. OK ERROR Write Command ATS3=<n> Parameters <n> 13 Command line termination character Parameter Saving Mode AT&W_SAVE Max Response Time - Reference V.25ter Note Default 13 = CR. It only supports default value. 2.2.18 ATS4 Set Response Formatting Character ATS4 Set Response Formatting Character Read Command Response |