| 전자부품 데이터시트 검색엔진 |
|
SIM800 데이터시트(PDF) 19 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 데이터시트(HTML) 19 Page - SIMCom |
|
19 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 19 2015-08-03 6.2.60 AT+CPCMSYNC Modify note 6.2.62 AT+CANT Modify note 6.2.63 AT+SD2PCM Modify note 6.2.64 AT+SKPD Modify note 6.2.66 AT+CROAMING Modify AT+CROAMING command’s format 6.2.67 AT+CNETSCAN Modify AT+CNETSCAN command’s function and note 6.2.68 AT+CMNRP Add AT command 8.2.2 AT+CIPSTART Modify max response time 8.2.30 AT+CIPTKA Add AT command 10.2.4 AT+CIPBEIPING Add AT command 12.2.2 AT+FTPMODE Modify test and write command 12.2.14 AT+FTPGET Modify note, Add "Manual quit" to <error> 12.2.23 AT+FTPLIST Modify note 12.2.24 AT+FTPGETTOFS Add read command 12.2.25 AT+FTPPUTFRMFS Add AT command 12.2.26 AT+FTPEXTGET Add AT command 12.2.27 AT+FTPFILEPUT Add AT command 12.2.28 AT+FTPQUIT Add AT command 13.2.1 AT+CIPGSMLOC Modify max response time 16.2.1 AT+DDET Modify response value of test command 17.2.1 AT+CREC Modify parameter description and note 18 Modify note 19.3 URC Add URC of AT+CGREG,AT+CALA,AT+CIURC,AT+CNMI 20.2 SIM commands Modify response of AT+CPBS=? 21 Modify ATC difference 21.4 AT+CHFA Add PCM channel in SIM800 and SIM800-WB64 All Change SIM800-WB64 to SIM800M64 6.2.21 AT+CENG Add format description of part parameters 6.2.40 AT+SGPIO Extend the scope of parameter <GPIO> to "1-7" 6.2.69 AT+CEGPRS Add AT command 12.2.24 AT+FTPGETTOFS Modify description of <loc> 14.2.14 AT+POP3IN Add description of <code> value 69 14.2.22 AT+POP3OUT Add description of <code> value 69 V1.05 2014-07-31 21.2 AT+CMIC Modify |