| 전자부품 데이터시트 검색엔진 |
|
SIM800 데이터시트(PDF) 164 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 데이터시트(HTML) 164 Page - SIMCom |
|
164 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 164 2015-08-03 <mode> 0 Disable to store Class 0 SMS to SIM when module receives Class 0 SMS 1 Enable to store Class 0 SMS to SIM when module receives Class 0 SMS Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 6.2.23 AT+CCID Show ICCID AT+CCID Show ICCID Test Command AT+CCID=? Response OK Execution Command AT+CCID Response Ccid data [ex. 898600810906F8048812] OK Parameter Saving Mode NO_SAVE Max Response Time 2s Reference Note 6.2.24 AT+CMTE Set Critical Temperature Operating Mode or Query Temperature AT+CMTE Set Critical Temperature Operating Mode or Query Temperature Response +CMTE: <mode>,<Temperature> OK Read Command AT+CMTE? Parameters See Write Command Response OK ERROR Write Command AT+CMTE=<mo de> Parameters <mode> |