| 전자부품 데이터시트 검색엔진 |
|
SIM800 데이터시트(PDF) 230 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 데이터시트(HTML) 230 Page - SIMCom |
|
230 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 230 2015-08-03 Parameter Saving Mode NO_SAVE Max Response Time - Execution Command AT+CSTT Response OK ERROR Reference Note The write command and execution command of this command is valid only at the state of IP INITIAL. After this command is executed, the state will be changed to IP START. 8.2.10 AT+CIICR Bring Up Wireless Connection with GPRS or CSD AT+CIICR Bring Up Wireless Connection with GPRS or CSD Test Command AT+CIICR=? Response OK Execution Command AT+CIICR Response OK ERROR Parameter Saving Mode NO_SAVE Max Response Time 85 seconds Reference Note AT+CIICR only activates moving scene at the status of IP START, after operating this Command is executed, the state will be changed to IP CONFIG. After module accepts the activated operation, if it is activated successfully, module state will be changed to IP GPRSACT, and it responds OK, otherwise it will respond ERROR. 8.2.11 AT+CIFSR Get Local IP Address AT+CIFSR Get Local IP Address Test Command AT+CIFSR=? Response OK Response <IP address> ERROR Execution Command AT+CIFSR Parameter <IP address> a string parameter which indicates the IP address assigned from GPRS or CSD. |