| 전자부품 데이터시트 검색엔진 |
|
SIM800 데이터시트(PDF) 246 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 데이터시트(HTML) 246 Page - SIMCom |
|
246 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 246 2015-08-03 +CIPDPDP: <mode>, <interval>, <timer> +CIPRXGET: <mode> +CIPRDTIMER: <rdsigtimer>,<rdmuxtimer> OK Parameters <mode0> 0 Saved, the value from NVRAM 1 Unsaved, the value from RAM For other parameters, see the related command. Execution Command AT+CIPSCONT Response Module saves current TCPIP Application Contexts to NVRAM. When system is rebooted, the parameters will be loaded automatically. OK Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 8.2.28 AT+CIPRDTIMER Set Remote Delay Timer AT+CIPRDTIMER Set Remote Delay Timer Response +CIPRDTIMER: (100-4000),(100-7000) OK Test Command AT+CIPRDTIM ER=? Parameters See Write Command Response +CIPRDTIMER: <rdsigtimer>,<rdmuxtimer> OK Read Command AT+CIPRDTIM ER? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CIPRDTIM ER=<rdsigtimer >,<rdmuxtimer> Parameters |