| 전자부품 데이터시트 검색엔진 |
|
SIM800 데이터시트(PDF) 270 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 데이터시트(HTML) 270 Page - SIMCom |
|
270 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 270 2015-08-03 Test Command AT+FTPSERV= ? Response OK Response +FTPSERV: <value> OK Read Command AT+FTPSERV? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+FTPSERV= <value> Parameters <value> 32-bit number in dotted-decimal notation (i.e. xxx.xxx.xxx.xxx) or alphanumeric ASCII text string up to 49 characters if DNS is available Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 12.2.8 AT+FTPUN Set FTP User Name AT+FTPUN Set FTP User Name Response OK Test Command AT+FTPUN=? Parameters See Write Command Response +FTPUN: <value> OK Read Command AT+FTPUN? Parameters See Write Command Write Command AT+FTPUN=<va lue> Response OK |