| 전자부품 데이터시트 검색엔진 |
|
SIM800 데이터시트(PDF) 314 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 데이터시트(HTML) 314 Page - SIMCom |
|
314 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 314 2015-08-03 +CME ERROR: <err> Parameters <value> network parameters, refer to AT+SAPBR Parameter Saving Mode AT+CMMSSCONT Max Response Time - Reference Note 15.2.4 AT+CMMSSENDCFG Set the Parameters for Sending MMS AT+CMMSSENDCFG Set the Parameters for Sending MMS Response +CMMSSENDCFG: (0-6), (0-3),(0,1), (0,1),(0-2),(0-4),(1-2),(0,1) OK Test Command AT+CMMSSENDC FG=? Parameters See Write Command Response +CMMSSENDCFG: <valid>,<pri>,<sendrep>,<readrep>,<visible>,<class>,<subctrl>,<no tifrspcheck> OK Read Command AT+CMMSSENDC FG? Parameters See Write Command Response OK or ERROR or +CME ERROR: <err> Write Command AT+CMMSSENDC FG=<valid>[,<pri>[ ,<sendrep>[,<readre p>[,<visible>[,<class >[,<subctrl>[,<notif rspcheck>]]]]]]] Parameters <valid> The valid time of sent MMS 0 1 hour 1 12 hours 2 24 hours 3 2 days 4 1 week 5 maximum |