전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5CEBA2F23C8ES 데이터시트(PDF) 8 Page - Intel Corporation

부품명 5CEBA2F23C8ES
상세설명  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F23C8ES 데이터시트(HTML) 8 Page - Intel Corporation

Back Button 5CEBA2F23C8ES Datasheet HTML 4Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 5Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 6Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 7Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 8Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 9Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 10Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 11Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Available Options
Figure 2.
Sample Ordering Code and Available Options for Cyclone V GX Devices
The SEU internal scrubbing feature is available for Cyclone V E, GX, SE, and SX devices with the "SC" suffix in
the part number. For device availability and ordering, contact your local Intel sales representatives.
Family Signature
Embedded Hard IPs
Transceiver Count
Transceiver
Speed Grade
Package Type
Package Code
Operating Temperature
FPGA Fabric
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
GX : 3-Gbps transceivers
B : No hard PCIe or hard
memory controller
F : Maximum 2 hard PCIe and
2 hard memory controllers
5C : Cyclone V
C3 : 36K logic elements
C4 : 50K logic elements
C5 : 77K logic elements
C7 : 150K logic elements
C9 : 301K logic elements
B : 3
F : 4
A : 5
C : 6
D : 9
E : 12
6 : 3.125 Gbps
7 : 2.5 Gbps
F : FineLine BGA (FBGA)
U : Ultra FineLine BGA (UBGA)
M : Micro FineLine BGA (MBGA)
FBGA Package Type
23 : 484 pins
27 : 672 pins
31 : 896 pins
35 : 1,152 pins
UBGA Package Type
15 : 324 pins
19 : 484 pins
MBGA Package Type
11 : 301 pins
13 : 383 pins
15 : 484 pins
C : Commercial (TJ = 0° C to 85° C)
I : Industrial (TJ = -40° C to 100° C)
A : Automotive (TJ = -40° C to 125° C)
6 (fastest)
7
8
N : Lead-free packaging
Contact Intel for availability
of leaded options
ES : Engineering sample
5C
GX
F
C9
E
6 F
35
C
7 N
Member Code
Family Variant
SC : Internal scrubbing support
Maximum Resources
Table 6.
Maximum Resource Counts for Cyclone V GX Devices
Resource
Member Code
C3
C4
C5
C7
C9
Logic Elements (LE) (K)
36
50
77
150
301
ALM
13,460
18,860
29,080
56,480
113,560
Register
53,840
75,440
116,320
225,920
454,240
Memory (Kb)
M10K
1,350
2,500
4,460
6,860
12,200
MLAB
182
424
424
836
1,717
Variable-precision DSP Block
57
70
150
156
342
18 x 18 Multiplier
114
140
300
312
684
PLL
4
6
6
7
8
3 Gbps Transceiver
3
6
6
9
12
GPIO(4)
208
336
336
480
560
continued...
(4) The number of GPIOs does not include transceiver I/Os. In the Intel Quartus® Prime software,
the number of user I/Os includes transceiver I/Os.
Cyclone V Device Overview
683694 | 2018.05.07
Cyclone V Device Overview
Send Feedback
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com