전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5CEBA2F23C8ES 데이터시트(PDF) 28 Page - Intel Corporation

부품명 5CEBA2F23C8ES
상세설명  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F23C8ES 데이터시트(HTML) 28 Page - Intel Corporation

Back Button 5CEBA2F23C8ES Datasheet HTML 24Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 25Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 26Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 27Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 28Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 29Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 30Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 31Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
PCS Support
Data Rates
(Gbps)
Transmitter Data Path Feature
Receiver Data Path Feature
Serial ATA Gen1 and Gen2
1.5 and 3.0
• Custom PHY IP core with preset
feature
• Electrical idle
• Custom PHY IP core with preset
feature
• Signal detect
• Wider spread of asynchronous
SSC
CPRI 4.1(16)
0.6144 to 6.144
• Dedicated deterministic latency
PHY IP core
• Transmitter (TX) manual bit-slip
mode
• Dedicated deterministic latency
PHY IP core
• Receiver (RX) deterministic
latency state machine
OBSAI RP3
0.768 to 3.072
V-by-One HS
Up to 3.75
Custom PHY IP core
• Custom PHY IP core
• Wider spread of asynchronous
SSC
DisplayPort 1.2(17)
1.62 and 2.7
SoC with HPS
Each SoC combines an FPGA fabric and an HPS in a single device. This combination
delivers the flexibility of programmable logic with the power and cost savings of hard
IP in these ways:
•
Reduces board space, system power, and bill of materials cost by eliminating a
discrete embedded processor
•
Allows you to differentiate the end product in both hardware and software, and to
support virtually any interface standard
•
Extends the product life and revenue through in-field hardware and software
updates
HPS Features
The HPS consists of a dual-core Arm Cortex-A9 MPCore processor, a rich set of
peripherals, and a shared multiport SDRAM memory controller, as shown in the
following figure.
(16) High-voltage output mode (1000-BASE-CX) is not supported.
(17) Pending characterization.
Cyclone V Device Overview
683694 | 2018.05.07
Cyclone V Device Overview
Send Feedback
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com