전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5CEBA2F23C8ES 데이터시트(PDF) 23 Page - Intel Corporation

부품명 5CEBA2F23C8ES
상세설명  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F23C8ES 데이터시트(HTML) 23 Page - Intel Corporation

Back Button 5CEBA2F23C8ES Datasheet HTML 19Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 20Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 21Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 22Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 23Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 24Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 25Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 26Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
PLL Features
The PLLs in the Cyclone V devices support the following features:
•
Frequency synthesis
•
On-chip clock deskew
•
Jitter attenuation
•
Programmable output clock duty cycles
•
PLL cascading
•
Reference clock switchover
•
Programmable bandwidth
•
User-mode reconfiguration of PLLs
•
Low power mode for each fractional PLL
•
Dynamic phase shift
•
Direct, source synchronous, zero delay buffer, external feedback, and LVDS
compensation modes
Fractional PLL
In addition to integer PLLs, the Cyclone V devices use a fractional PLL architecture.
The devices have up to eight PLLs, each with nine output counters. You can use the
output counters to reduce PLL usage in two ways:
•
Reduce the number of oscillators that are required on your board by using
fractional PLLs
•
Reduce the number of clock pins that are used in the device by synthesizing
multiple clock frequencies from a single reference clock source
If you use the fractional PLL mode, you can use the PLLs for precision fractional-N
frequency synthesis—removing the need for off-chip reference clock sources in your
design.
The transceiver fractional PLLs that are not used by the transceiver I/Os can be used
as general purpose fractional PLLs by the FPGA fabric.
FPGA General Purpose I/O
Cyclone V devices offer highly configurable GPIOs. The following list describes the
features of the GPIOs:
•
Programmable bus hold and weak pull-up
•
LVDS output buffer with programmable differential output voltage (VOD ) and
programmable pre-emphasis
•
On-chip parallel termination (RT OCT) for all I/O banks with OCT calibration to
limit the termination impedance variation
•
On-chip dynamic termination that has the ability to swap between series and
parallel termination, depending on whether there is read or write on a common
bus for signal integrity
•
Easy timing closure support using the hard read FIFO in the input register path,
and delay-locked loop (DLL) delay chain with fine and coarse architecture
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com