전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

32G431 데이터시트(PDF) 46 Page - STMicroelectronics

부품명 32G431
상세설명  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32G431 데이터시트(HTML) 46 Page - STMicroelectronics

Back Button 32G431 Datasheet HTML 42Page - STMicroelectronics 32G431 Datasheet HTML 43Page - STMicroelectronics 32G431 Datasheet HTML 44Page - STMicroelectronics 32G431 Datasheet HTML 45Page - STMicroelectronics 32G431 Datasheet HTML 46Page - STMicroelectronics 32G431 Datasheet HTML 47Page - STMicroelectronics 32G431 Datasheet HTML 48Page - STMicroelectronics 32G431 Datasheet HTML 49Page - STMicroelectronics 32G431 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 198 page
background image
Pinouts and pin description
STM32G431x6 STM32G431x8 STM32G431xB
46/198
DS12589 Rev 6
4.5
WLCSP49 ballout description
Figure 9. STM32G431x6/x8/xB WLCSP49 ballout
1. The above figure shows the package top view.
4.6
LQFP64 pinout description
Figure 10. STM32G431x6/x8/xB LQFP64 pinout
1. The above figure shows the package top view.
MSv47176V2
1234567
A
B
C
D
E
F
G
PA15
PC11
PB3
PB5
PB7
VSS
VDD
PA12
PA13
PA14
PB4
PB8-
BOOT0
PB9
VBAT
PA11
PA10
PA9
PB6
PC13
PG10-
NRST
PC14-
OSC32_IN
PC6
PA8
PB14
PC4
PA7
PA1
PC15-
OSC32_O
UT
PB15
PB13
PB11
PB1
PA4
PF1-
OSC_OUT
PF0-
OSC_IN
PB12
PB10
VREF+
PB2
PA5
PA2
PA0
VDD
VSS
VDDA
VSSA
PB0
PA6
PA3
MSv42658V2
LQFP64
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
2
VBAT
PC14-OSC32_IN
PC15-OSC32_OUT
PF0-OSC_IN
PF1-OSC_OUT
PG10-NRST
PC0
PC1
PC2
PC3
PA0
PA1
PA2
VSS
VDD
PC13
48
46
45
44
43
42
41
40
39
38
37
36
35
34
33
47
VDD
PA12
PA11
PA10
PA9
PA8
PC9
PC8
PC7
PC6
PB15
PB14
PB13
PB12
PB11
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More