전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

32G431 데이터시트(PDF) 47 Page - STMicroelectronics

부품명 32G431
상세설명  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32G431 데이터시트(HTML) 47 Page - STMicroelectronics

Back Button 32G431 Datasheet HTML 43Page - STMicroelectronics 32G431 Datasheet HTML 44Page - STMicroelectronics 32G431 Datasheet HTML 45Page - STMicroelectronics 32G431 Datasheet HTML 46Page - STMicroelectronics 32G431 Datasheet HTML 47Page - STMicroelectronics 32G431 Datasheet HTML 48Page - STMicroelectronics 32G431 Datasheet HTML 49Page - STMicroelectronics 32G431 Datasheet HTML 50Page - STMicroelectronics 32G431 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 198 page
background image
DS12589 Rev 6
47/198
STM32G431x6 STM32G431x8 STM32G431xB
Pinouts and pin description
66
4.7
UFBGA64 ballout description
Figure 11. STM32G431x6/x8/xB UFBGA64 ballout
1. The above figure shows the package top view.
MSv47177V3
VDD
PB9
PB7
PB6
PB3
PC12
PA15
VDD
PC13
VSS
PB8-BOOT0
PB5
PD2
PC11
VSS
PA12
PC14-
OSC32_IN
VBAT
PC1
PB4
PC10
PA11
PC15-
OSC32_OUT
PG10-NRST
PC2
PF0-OSC_IN
PC0
PA1
PF1-OSC_OUT
PA0
PC3
VDD
PA3
PA7
PA6
PA2
VDDA
VREF+
PB1
PB0
PC4
PB2
VSSA
PC5
PA5
PA4
PB11
VSS
PB15
PC7
PA9
PB10
PB13
PC8
PA8
PA10
PA14
PA13
VDD
PB12
PB14
PC6
PC9
VSS
12345678
A
B
C
D
E
F
G
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More