| 전자부품 데이터시트 검색엔진 |
|
AT83SND1CXXX-ROTIL 데이터시트(PDF) 156 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND1CXXX-ROTIL 데이터시트(HTML) 156 Page - ATMEL Corporation |
|
156 / 212 page ![]() 156 4109J–8051–10/06 AT8xC51SND1C Reset Value = 0001 0100b Note: 1. When the SPI is disabled, SCK outputs high level. Table 123. SPSTA Register SPSTA (S:C4h) – SPI Status Register Reset Value = 00000 0000b Table 124. SPDAT Register SPDAT (S:C5h) – Synchronous Serial Data Register Reset Value = XXXX XXXXb 1 - 0 SPR1:0 SPI Rate Bits 0 and 1 Refer to Table 121 for bit rate description. 7654 3210 SPIF WCOL - MODF ---- Bit Number Bit Mnemonic Description 7 SPIF SPI Interrupt Flag Set by hardware when an 8-bit shift is completed. Cleared by hardware when reading or writing SPDAT after reading SPSTA. 6WCOL Write Collision Flag Set by hardware to indicate that a collision has been detected. Cleared by hardware to indicate that no collision has been detected. 5- Reserved The value read from this bit is indeterminate. Do not set this bit. 4MODF Mode Fault Set by hardware to indicate that the SS pin is at an appropriate level. Cleared by hardware to indicate that the SS pin is at an inappropriate level. 3 - 0 - Reserved The value read from these bits is indeterminate. Do not set these bits. 7654 3210 SPD7 SPD6SPD5SPD4SPD3SPD2SPD1 SPD0 Bit Number Bit Mnemonic Description 7 - 0 SPD7:0 Synchronous Serial Data. Bit Number Bit Mnemonic Description |